Electronic Components Datasheet Search |
|
7809LPRPFI Datasheet(PDF) 4 Page - Maxwell Technologies |
|
7809LPRPFI Datasheet(HTML) 4 Page - Maxwell Technologies |
4 / 23 page 4 All data sheets are subject to change without notice ©2005 Maxwell Technologies All rights reserved. 16-Bit Latchup Protected Analog to Digital Converter 7809LP 01.11.05 Rev 7 Full Scale Error Drift (using ext. 2.5000 V ref)-- ±2 -- ppm/°C Bipolar Zero Error 4 -- -- ±10 mV Bipolar Zero Error Drift -- ±2 -- ppm/°C Unipolar Zero Error 4 -40 to 85°C -- -- -- -- ±3 ±16 mV mV Unipolar Zero Error Drift -- ±2 -- ppm/°C Recovery to Rated Accuracy after Power Down (1 uF Capacitor to CAP) -- 1 -- ms Power Supply Sensitivity (V DIG = VANA = VD) 4.75 V > VD < 5.2 V -40 to 85°C -- -- -- -- ±8 ±32 LSB LSB 1. LSB stands for Least Significant Bit. One LSB is equal to 305 µ V. 2. Not tested. 3. Typical rms noise at worst case transitions and temperatures. 4. Measured with various fixed resistors. 5. For bipolar input ranges, full scale error is the worst case of -Full Scale or +Full Scale untrimmed deviation from ideal first and last scale code transitions, divided by the transition voltage (not divided by the full-scale range) and includes the effect of offset error. For unipolar input ranges, full scale error is the deviation of the last code transition divided by the transition voltage. It also includes the effect of offset error. TABLE 4. DELTA LIMITS PARAMETER VARIATION I CC +/- 10% TABLE 5. 7809LP DIGITAL INPUTS (SPECIFIED PERFORMANCE -40 TO +85°C) PARAMETER SUBGROUPS MIN TYP MAX UNIT V IL V IH I IL, IIH 1, 2, 3 -0.3 2.0 -- -- -- -- 0.8 V D + 0.3 ±10 V V µA TABLE 3. 7809LP DC ACCURACY SPECIFICATIONS (SPECIFIED PERFORMANCE -40 TO +85°C) PARAMETER MIN TYP MAX UNIT |
Similar Part No. - 7809LPRPFI |
|
Similar Description - 7809LPRPFI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |