Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD7201PWP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7201PWP
Description  Digital Control Compatible Dual Low-SideAmp MOSFET Drivers with Programmable Common Current Sense
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7201PWP Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCD7201PWP Datasheet HTML 6Page - Texas Instruments UCD7201PWP Datasheet HTML 7Page - Texas Instruments UCD7201PWP Datasheet HTML 8Page - Texas Instruments UCD7201PWP Datasheet HTML 9Page - Texas Instruments UCD7201PWP Datasheet HTML 10Page - Texas Instruments UCD7201PWP Datasheet HTML 11Page - Texas Instruments UCD7201PWP Datasheet HTML 12Page - Texas Instruments UCD7201PWP Datasheet HTML 13Page - Texas Instruments UCD7201PWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ti.com
Additional Application Circuits
Isolation
Amplifier
COMMUNICATION
(Programming & Status Reporting)
14
1
13
8
PVDD
VDD
CS
10
OUT2
3
4
2
5
6
IN1
AGND
3V3
IN2
CLF
7
UCD7201PWP
11
OUT1
9
PGND
12
NC
ILIM
NC
Bias Supply
Bias Winding
VIN
VOUT
DIGITAL
CONTROLLER
GND
PWMA
ADC4
INTERRUPT or CCR
PWMB
ADC3
VCC
PWM or GPIO
ADC1
ADC2
CS
XFMR
Gate Drive
Transformer
(3 winding)
15
16
14
2
4
14
1
13
8
PVDD
VDD
CS
10
OUT2
3
4
2
5
6
IN1
AGND
3V3
IN2
CLF
7
UCD7201
11
OUT1
9
PGND
12
NC
ILIM
NC
Bias Supply
Bias Winding
VIN
VOUT
13
UCC28089
GND
OUTA
OUTB
VDD
DIS
CS
3
1 SYNC
CT
UCD7201
SLUS645B – FEBRUARY 2005 – REVISED JULY 2005
Figure 2 shows the UCD7201 in a half-bridge converter design. The digital controller is performing the output
voltage compensation and all supervisory functions. The isolation amplifier is made up of a linear opto-coupler
configured for a gain of 1/10, so the output voltage is transformed to a level comparable with the ADC of the
digital controller.
Figure 2. Half-Bridge Converter
Figure 3 shows the UCD7201 in an analog only implementation of an intermediate bus converter. The ILIM pin of
the UCD7201 is exponentially increased at start-up, which minimizes overshoot on the output voltage. The
UCC28089 is a push-pull controller with fixed dead-time. The UCC28089 operates at a fixed duty cycle close to
100% so the circuit acts like a DC transformer linearly transforming the input voltage via the turns ratio of the
transformer.
Figure 3. Intermediate Bus Converter
10


Similar Part No. - UCD7201PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7201PWP TI1-UCD7201PWP Datasheet
938Kb / 25P
[Old version datasheet]   Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7201PWPG4 TI1-UCD7201PWPG4 Datasheet
938Kb / 25P
[Old version datasheet]   Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7201PWPR TI1-UCD7201PWPR Datasheet
938Kb / 25P
[Old version datasheet]   Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7201PWPRG4 TI1-UCD7201PWPRG4 Datasheet
938Kb / 25P
[Old version datasheet]   Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
More results

Similar Description - UCD7201PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7201 TI1-UCD7201_13 Datasheet
938Kb / 25P
[Old version datasheet]   Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7201 TI1-UCD7201_15 Datasheet
1Mb / 30P
[Old version datasheet]   UCD7201 Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7100 TI-UCD7100 Datasheet
408Kb / 22P
[Old version datasheet]   Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
UCD7100 TI1-UCD7100_12 Datasheet
813Kb / 26P
[Old version datasheet]   Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7100 TI1-UCD7100_17 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Control Compatible Single Low-Side 4-A MOSFET Driver with Current Sense
UCD7100 TI-UCD7100_V01 Datasheet
1Mb / 30P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
NOVEMBER 2021
UCD7100 TI1-UCD7100_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7230 TI1-UCD7230_16 Datasheet
1Mb / 26P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
UCD7230 TI-UCD7230_07 Datasheet
957Kb / 33P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
UCD7230 TI-UCD7230 Datasheet
337Kb / 19P
[Old version datasheet]   Digital Control Compatible Synchronous Buck 짹4-A Drivers with Current Sense Conditioning Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com