Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD7100RGYR Datasheet(PDF) 3 Page - Texas Instruments

Part # UCD7100RGYR
Description  Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100RGYR Datasheet(HTML) 3 Page - Texas Instruments

  UCD7100RGYR Datasheet HTML 1Page - Texas Instruments UCD7100RGYR Datasheet HTML 2Page - Texas Instruments UCD7100RGYR Datasheet HTML 3Page - Texas Instruments UCD7100RGYR Datasheet HTML 4Page - Texas Instruments UCD7100RGYR Datasheet HTML 5Page - Texas Instruments UCD7100RGYR Datasheet HTML 6Page - Texas Instruments UCD7100RGYR Datasheet HTML 7Page - Texas Instruments UCD7100RGYR Datasheet HTML 8Page - Texas Instruments UCD7100RGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
RECOMMENDED OPERATING CONDITIONS
UCD7100
SLUS651A – MARCH 2005 – REVISED MAY 2005
SYMBOL
PARAMETER
UCD7100
UNIT
VDD
Supply Voltage
16
Quiescent
20
IDD
Supply Current
mA
Switching, TA = 25°C, TJ = 125°C, VDD = 12 V
200
Output Gate Drive Volt-
VOUT
OUT
-1 V to VDD
V
age
IOUT(sink)
4.0
Output Gate Drive Cur-
OUT
A
rent
IOUT(source)
-4.0
ISET, CS
-0.3 to 3.6
Analog Input
ILIM
-0.3 to 3.6
V
Digital I/O’s
IN, CLF
-0.3 to 3.6
Power Dissipation
TA = 25°C, TJ = 125°C, (PWP-14)
2.67
W
TJ
Junction Operating Temperature
-55 to 150
°C
Tstr
Storage Temperature
-65 to 150
HBM
Human body model
2000
ESD Rating
V
CDM
Change device model
500
TSOL
Lead Temperature (Soldering, 10 sec)
+300
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND. Currents are positive into, negative out of the specified terminal.
PARAMETER
MIN
TYP
MAX
UNIT
Supply Voltage, VDD
4.25
12
14.5
V
Supply bypass capacitance
1
µF
Reference bypass capacitance
0.22
Operating junction temperature
-40
105
°C
3


Similar Part No. - UCD7100RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7100 TI1-UCD7100 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Control Compatible Single Low-Side 4-A MOSFET Driver with Current Sense
UCD7100 TI-UCD7100 Datasheet
1Mb / 30P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
NOVEMBER 2021
UCD7100A TI-UCD7100A Datasheet
1Mb / 30P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
NOVEMBER 2021
UCD7100APWP TI-UCD7100APWP Datasheet
1Mb / 30P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
NOVEMBER 2021
UCD7100APWPR TI-UCD7100APWPR Datasheet
1Mb / 30P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
NOVEMBER 2021
More results

Similar Description - UCD7100RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7100 TI1-UCD7100_12 Datasheet
813Kb / 26P
[Old version datasheet]   Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7100 TI1-UCD7100_17 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Control Compatible Single Low-Side 4-A MOSFET Driver with Current Sense
UCD7100 TI-UCD7100_V01 Datasheet
1Mb / 30P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
NOVEMBER 2021
UCD7100 TI1-UCD7100_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7201 TI-UCD7201 Datasheet
405Kb / 20P
[Old version datasheet]   Digital Control Compatible Dual Low-Side 짰 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7201 TI1-UCD7201_13 Datasheet
938Kb / 25P
[Old version datasheet]   Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7201 TI1-UCD7201_15 Datasheet
1Mb / 30P
[Old version datasheet]   UCD7201 Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7230A TI1-UCD7230A Datasheet
787Kb / 25P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Driver with Current Sense Conditioning Amplifier
UCD7231 TI1-UCD7231 Datasheet
792Kb / 31P
[Old version datasheet]   Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
UCD7230 TI-UCD7230 Datasheet
337Kb / 19P
[Old version datasheet]   Digital Control Compatible Synchronous Buck 짹4-A Drivers with Current Sense Conditioning Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com