Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRA-E500ST0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # IRA-E500ST0
Description  PYROELECTRIC INFRARED SENSORS IRA SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

IRA-E500ST0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  IRA-E500ST0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
578
CG01-J
DIMENSIONS: mm
IRA-E500SZ0/ IRA-E500ST0/
IRA-E800STO
IRA-E700ST0/ IRA-E710ST0
IRA-E900ST1/ IRA-E910ST1
IRA-E410
PART NUMBERING SYSTEM
IRA
E
S
SERIES
FAMILY
TYPE
710 and 910 families
with RF immunity
SENSORS
PYROELECTRIC INFRARED SENSORS
IRA SERIES
Our pyroelectric infrared sensors
exhibit high sensitivity and reliable
performance made possible by
Murata’s ceramic technology.
FEATURES
I Precisely detects infrared emissions
from the human body
I Designed to prevent malfunction due
to external light
I E710 and 910 with immunity to RFI
I New gold plated pins
APPLICATIONS
I Burglar alarms
I Human detection devices
I Switches
I Lighting appliances
I Household appliances
I Toys
I Measure temperature
I Flame detection
For more detailed information regarding this product line in North America, contact us. To receive additional information on Murata Products call 1-800-831-9172.
SPECIFICATIONS
IRA
Part Number
Element Type
Optical Wavelength
Field of View
Operating
Applications
Family
Range
Temperature Range
IRA-E410QW1
4.3 m band pass
Flame detection
E400
IRA-E410ST1
Single
5 ~ 20 m high pass
17° x 17°
Burglar alarms, light controls
IRA-E410S1
1 ~ 20 m
–25 ~ +55°C
Temperature measurement
E500
IRA-E500SZ0
7 ~ 14 m
57° x 57°
Security, with RFI immunity,
IRA-E500ST0
lighting appliances, toys
E700
IRA-E700ST0
Dual
5 ~ 14 m long pass
45° x 45°
–40 ~ +70°C
Burglar alarms, appliances,
IRA-E710ST0
Burglar alarms with RFI immunity
E800
IRA-E800ST0
5 m
40° x 40°
–40 ~ +70°C
Automatic light control
E900
IRA-E900ST1
Quad
5 ~ 14 m
41° x 41°
–25 ~ +55°C
Burglar alarms, light control
IRA-E910ST1
appliances with RFI immunity
d
s
g
••
5.5
11.0
3.6
0.45
9.2
8.2
4
5
Window
9.2
3.6
4.9
11.0
5.0
d
s
g
0.45
1
2
••
d
s
g
9.1
2
3.7
4.7
4.7
11.0
3.6
0.45
1
9.2
2
4.7
4.7
11.0
3.6
0.45
1
d
s
g
Rg
d
s
g
DIAGRAM
DUAL SENSOR – E500
IRA-E710ST0
IRA-E910ST1
Rg
d
s
g
Rg
d
s
g


Similar Part No. - IRA-E500ST0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IRA-E410QW1 MURATA1-IRA-E410QW1 Datasheet
165Kb / 6P
   PIEZOELECTRIC VIBRATING GYROSCOPE ENV-05D SERIES
IRA-E410S1 MURATA1-IRA-E410S1 Datasheet
165Kb / 6P
   PIEZOELECTRIC VIBRATING GYROSCOPE ENV-05D SERIES
IRA-E410ST1 MURATA1-IRA-E410ST1 Datasheet
165Kb / 6P
   PIEZOELECTRIC VIBRATING GYROSCOPE ENV-05D SERIES
logo
Murata Manufacturing Co...
IRA-E420 MURATA-IRA-E420 Datasheet
542Kb / 16P
   Pyroelectric Infrared Sensors
IRA-E420 MURATA-IRA-E420 Datasheet
526Kb / 16P
   Dual Type Pyroelectric Infrared Sensor
More results

Similar Description - IRA-E500ST0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IRA-S220ST01A01 MURATA1-IRA-S220ST01A01 Datasheet
422Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-S230ST01 MURATA1-IRA-S230ST01 Datasheet
422Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-S500ST01A01 MURATA1-IRA-S500ST01A01 Datasheet
424Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-E420QW1 MURATA1-IRA-E420QW1 Datasheet
289Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-E700ST1 MURATA1-IRA-E700ST1 Datasheet
347Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-S200ST01A01 MURATA1-IRA-S200ST01A01 Datasheet
422Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
logo
Murata Manufacturing Co...
IRA-E420 MURATA-IRA-E420 Datasheet
542Kb / 16P
   Pyroelectric Infrared Sensors
logo
Murata Manufacturing Co...
IRA-E420SW1 MURATA1-IRA-E420SW1 Datasheet
290Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRS-B345ST03-R1 MURATA1-IRS-B345ST03-R1 Datasheet
329Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-S210ST01 MURATA1-IRA-S210ST01 Datasheet
422Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com