Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HZS22NB3 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HZS22NB3
Description  Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZS22NB3 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HZS22NB3 Datasheet HTML 1Page - Renesas Technology Corp HZS22NB3 Datasheet HTML 2Page - Renesas Technology Corp HZS22NB3 Datasheet HTML 3Page - Renesas Technology Corp HZS22NB3 Datasheet HTML 4Page - Renesas Technology Corp HZS22NB3 Datasheet HTML 5Page - Renesas Technology Corp HZS22NB3 Datasheet HTML 6Page - Renesas Technology Corp HZS22NB3 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HZS-N Series
Rev.1.00, Mar.11.2004, page 3 of 6
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
VZ (V)*
1
Test
Condition
IR (µA)
Test
Condition
rd (Ω)
Test
Condition
Type
Grade
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
B1
6.88
7.19
B2
7.11
7.41
HZS7.5N
B3
7.33
7.64
5
0.5
4.0
25
5
B1
7.56
7.90
B2
7.82
8.15
HZS8.2N
B3
8.07
8.41
5
0.5
5.0
20
5
B1
8.33
8.70
B2
8.61
8.99
HZS9.1N
B3
8.89
9.29
5
0.5
6.0
20
5
B1
9.19
9.59
B2
9.48
9.90
HZS10N
B3
9.82
10.30
5
0.2
7.0
20
5
B1
10.18
10.63
B2
10.50
10.95
HZS11N
B3
10.82
11.26
5
0.2
8.0
20
5
B1
11.13
11.63
B2
11.50
11.92
HZS12N
B3
11.80
12.30
5
0.2
9.0
25
5
B1
12.18
12.71
B2
12.59
13.16
HZS13N
B3
13.03
13.62
5
0.2
10
25
5
B1
13.48
14.09
B2
13.95
14.56
HZS15N
B3
14.42
15.02
5
0.2
11
25
5
B1
14.87
15.50
B2
15.33
15.96
HZS16N
B3
15.79
16.50
5
0.2
12
25
5
B1
16.34
17.06
B2
16.90
17.67
HZS18N
B3
17.51
18.30
5
0.2
13
30
5
B1
18.14
18.96
B2
18.80
19.68
HZS20N
B3
19.52
20.45
5
0.2
15
30
5
B1
20.23
21.08
B2
20.76
21.65
B3
21.22
22.09
HZS22N
B4
21.68
22.61
5
0.2
17
30
5
B1
22.26
23.12
B2
22.75
23.73
B3
23.29
24.27
HZS24N
B4
23.81
24.81
5
0.2
19
35
5
B1
24.26
25.52
B2
24.97
26.26
B3
25.63
26.95
HZS27N
B4
26.29
27.64
5
0.2
21
45
5
Note:
1. Tested with pulse (PW = 40 ms)


Similar Part No. - HZS22NB3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZS22 RENESAS-HZS22 Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
EIC discrete Semiconduc...
HZS22 EIC-HZS22 Datasheet
176Kb / 3P
   ZENER DIODES
logo
Renesas Technology Corp
HZS221 RENESAS-HZS221 Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
HZS222 RENESAS-HZS222 Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
HZS223 RENESAS-HZS223 Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
More results

Similar Description - HZS22NB3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZH RENESAS-HZH Datasheet
68Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZ11B1 HITACHI-HZ11B1 Datasheet
45Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZS RENESAS-HZS Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZS HITACHI-HZS Datasheet
39Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ12C1 RENESAS-HZ12C1 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
RKZ2.4AKU RENESAS-RKZ2.4AKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
HZK6C RENESAS-HZK6C Datasheet
49Kb / 7P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
Hitachi Semiconductor
HZK-L HITACHI-HZK-L Datasheet
24Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
SEMTECH ELECTRONICS LTD...
HZK2B SEMTECH_ELEC-HZK2B Datasheet
221Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES for Stabilized Power Supply
logo
Renesas Technology Corp
HZ-N RENESAS-HZ-N Datasheet
99Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com