Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTQS32253SO Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDTQS32253SO
Description  QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DUAL 4:1 MUX/DEMUX
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS32253SO Datasheet(HTML) 2 Page - Integrated Device Technology

  IDTQS32253SO Datasheet HTML 1Page - Integrated Device Technology IDTQS32253SO Datasheet HTML 2Page - Integrated Device Technology IDTQS32253SO Datasheet HTML 3Page - Integrated Device Technology IDTQS32253SO Datasheet HTML 4Page - Integrated Device Technology IDTQS32253SO Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDTQS32253
HIGH-SPEED CMOS QUICKSWITCH DUAL 4:1 MUX/DEMUX
PIN CONFIGURATION
SOIC/ QSOP
TOP VIEW
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
EA
S 1
I3A
I2A
I1A
I0A
Y A
GN D
V CC
EB
S 0
I3B
I2B
I1B
I0B
Y B
S O 16-1
S O 16-7
ABSOLUTE MAXIMUM RATINGS (1)
Symbol
Description
Max.
Unit
VTERM(2)
Supply Voltage to Ground
– 0.5 to +7
V
VTERM(3)
DC Switch Voltage VS
– 0.5 to +7
V
VTERM(3)
DC Input Voltage VIN
– 0.5 to +7
V
VAC
AC Input Voltage (pulse width
≤20ns)
-3
V
IOUT
DC Output Current
120
mA
PMAX
Maximum Power Dissipation (TA = 85
°C)
0.5
W
TSTG
Storage Temperature
– 65 to +150
°C
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device.
This is a
stress rating only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of this specification is not implied.
Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
2. Vcc Terminals.
3. All terminals except Vcc.
CAPACITANCE
(TA = +25OC, f = 1.0MHz, VIN = 0V, VOUT = 0V)
Pins
Typ.
Max. (1)
Unit
Control Pins
4
5
pF
Quickswitch Channels
Demux
5
7
pF
(Switch OFF)
Mux
14
16
pF
NOTE:
1. This parameter is guaranteed but not production tested.
PIN DESCRIPTION
Pin Names
I/O
Description
Ixx
I
Data Inputs
S0, S1
I
Select Inputs
EA, EB
I
Enable Inputs
YA, YB
O
Data Outputs
FUNCTION TABLE(1)
Enable
Select
Outputs
EA
EB
S1
S0
YA
YB
Function
H
X
X
X
Hi-Z
X
Disconnected
X
H
X
X
X
Hi-Z
Disconnected
LL
L
L
I0A
I0B
S1 - 0 = 0
LL
L
H
I1A
I1B
S1 - 0 = 1
LL
H
L
I2A
I2B
S1 - 0 = 2
LL
H
H
I3A
I3B
S1 - 0 = 3
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
Z = High-Impedence


Similar Part No. - IDTQS32253SO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32257 IDT-IDTQS32257 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH QUAD 2:MUX/DEMUX
IDTQS32257Q IDT-IDTQS32257Q Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH QUAD 2:MUX/DEMUX
IDTQS32257S1 IDT-IDTQS32257S1 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH QUAD 2:MUX/DEMUX
More results

Similar Description - IDTQS32253SO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3253 IDT-IDTQS3253 Datasheet
47Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DUAL 4:1 MUX/DEMUX
IDTQS3253 IDT-IDTQS3253_06 Datasheet
223Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DUAL 4:1 MUX/DEMUX
logo
Renesas Technology Corp
IDTQS3253 RENESAS-IDTQS3253 Datasheet
391Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DUAL 4:1 MUX/DEMUX
FEBRUARY 2006
logo
Integrated Device Techn...
IDTQS3251 IDT-IDTQS3251 Datasheet
46Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8:1 MUX/DEMUX
IDTQS3257 IDT-IDTQS3257 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH QUAD 2:1 MUX/DEMUX
logo
Renesas Technology Corp
IDTQS3251 RENESAS-IDTQS3251 Datasheet
387Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8:1 MUX/DEMUX
FEBRUARY 2011
logo
Integrated Device Techn...
IDTQS33X257 IDT-IDTQS33X257 Datasheet
51Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 24:12 MUX/DEMUX
QS33X257Q1G IDT-QS33X257Q1G Datasheet
225Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 24:12 MUX/DEMUX
IDTQS316233 IDT-IDTQS316233 Datasheet
48Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32:16 MUX/DEMUX
IDTQS32257 IDT-IDTQS32257 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH QUAD 2:MUX/DEMUX
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com