Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD40N03RG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTD40N03RG
Description  Power MOSFET 45 Amps, 25 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD40N03RG Datasheet(HTML) 1 Page - ON Semiconductor

  NTD40N03RG Datasheet HTML 1Page - ON Semiconductor NTD40N03RG Datasheet HTML 2Page - ON Semiconductor NTD40N03RG Datasheet HTML 3Page - ON Semiconductor NTD40N03RG Datasheet HTML 4Page - ON Semiconductor NTD40N03RG Datasheet HTML 5Page - ON Semiconductor NTD40N03RG Datasheet HTML 6Page - ON Semiconductor NTD40N03RG Datasheet HTML 7Page - ON Semiconductor NTD40N03RG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2004
April, 2004 − Rev. 5
1
Publication Order Number:
NTD40N03R/D
NTD40N03R
Power MOSFET
45 Amps, 25 Volts
N−Channel DPAK
Features
Planar HD3e Process for Fast Switching Performance
Low R
DS(on) to Minimize Conduction Loss
Low C
iss to Minimize Driver Loss
Low Gate Charge
Optimized for High Side Switching Requirements in
High−Efficiency DC−DC Converters
Pb−Free Packages are Available
MAXIMUM RATINGS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
25
Vdc
Gate−to−Source Voltage − Continuous
VGS
±20
Vdc
Thermal Resistance − Junction−to−Case
Total Power Dissipation @ TC = 25°C
Drain Current
− Continuous @ TC = 25°C, Chip
− Continuous @ TA = 25°C, Limited by Wires
− Single Pulse (tp
≤ 10 ms)
RqJC
PD
ID
ID
ID
3.0
50
45
32
100
°C/W
W
A
A
A
Thermal Resistance − Junction−to−Ambient
(Note 1)
Total Power Dissipation @ TA = 25°C
Drain Current − Continuous @ TA = 25°C
RqJA
PD
ID
71.4
2.1
9.2
°C/W
W
A
Thermal Resistance − Junction−to−Ambient
(Note 2)
Total Power Dissipation @ TA = 25°C
Drain Current − Continuous @ TA = 25°C
RqJA
PD
ID
100
1.5
7.8
°C/W
W
A
Operating and Storage Temperature Range
TJ, Tstg
−55 to
175
°C
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
1. When surface mounted to an FR4 board using 0.5 sq. in pad size.
2. When surface mounted to an FR4 board using minimum recommended
pad size.
http://onsemi.com
45 AMPERES, 25 VOLTS
RDS(on) = 12.6 mW (Typ)
MARKING DIAGRAM
& PIN ASSIGNMENTS
40N03= Device Code
Y
= Year
WW
= Work Week
CASE 369AA
D
S
G
4 Drain
3
Source
1
Gate
2
Drain
N−CHANNEL
DPAK
(Surface Mount)
STYLE 2
CASE 369D
DPAK
(Straight Lead)
STYLE 2
1 2
3
4
4 Drain
1
Gate
2
Drain
3
Source
4
1
2
3
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NTD40N03RG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD40N03RG VBSEMI-NTD40N03RG Datasheet
1,015Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD40N03RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB45N06L ONSEMI-NTB45N06L_11 Datasheet
148Kb / 8P
   Power MOSFET 45 Amps, 60 Volts
October, 2011 ??Rev. 1
NTB45N06 ONSEMI-NTB45N06_11 Datasheet
148Kb / 7P
   Power MOSFET 45 Amps, 60 Volts
October, 2011 ??Rev. 1
NTP45N06 ONSEMI-NTP45N06 Datasheet
64Kb / 8P
   Power MOSFET 45 Amps, 60 Volts
March, 2001 ??Rev. 0
MMDF1300 ONSEMI-MMDF1300 Datasheet
44Kb / 4P
   Power MOSFET 3 Amps, 25 Volts
March, 2001 ??Rev. 1
logo
Central Semiconductor C...
CSHD10-45L CENTRAL-CSHD10-45L Datasheet
83Kb / 2P
   POWER SCHOTTKY RECTIFIER 10 AMPS, 45 VOLTS
logo
Solid States Devices, I...
SED30KB45 SSDI-SED30KB45 Datasheet
153Kb / 2P
   30 AMPS 45 VOLTS POWER SCHOTTKY DIODE
logo
ON Semiconductor
NTD14N03R ONSEMI-NTD14N03R Datasheet
65Kb / 6P
   Power MOSFET 14 Amps, 25 Volts N?묬hannel DPAK
October, 2003 ??Rev. 3
NTB23N03R ONSEMI-NTB23N03R Datasheet
63Kb / 6P
   Power MOSFET 23 Amps, 25 Volts N?묬hannel D2PAK
August, 2005 ??Rev. 2
NTD14N03R ONSEMI-NTD14N03R_07 Datasheet
86Kb / 6P
   Power MOSFET 14 Amps, 25 Volts N-Channel DPAK
October, 2007 - Rev. 5
MMDF2P02E ONSEMI-MMDF2P02E Datasheet
99Kb / 7P
   Power MOSFET 2 Amps, 25 Volts P?묬hannel SO??, Dual
April, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com