Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150UR100D Datasheet(PDF) 4 Page - International Rectifier

Part # 150UR100D
Description  STANDARD RECOVERY DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

150UR100D Datasheet(HTML) 4 Page - International Rectifier

  150UR100D Datasheet HTML 1Page - International Rectifier 150UR100D Datasheet HTML 2Page - International Rectifier 150UR100D Datasheet HTML 3Page - International Rectifier 150UR100D Datasheet HTML 4Page - International Rectifier 150UR100D Datasheet HTML 5Page - International Rectifier 150UR100D Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
150U(R).. Series
4
www.irf.com
Bulletin I2025 rev. C 10/02
Fig. 1 - Current Ratings Characteristics
Average Forward Current (A)
Fig. 2 - Current Ratings Characteristics
Average Forward Current (A)
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
80
100
120
140
160
180
0
50
100
150
200
30˚
60˚
90˚
120˚
180˚
Conduction Angle
150U(R)
RthJC (DC) = 0.3 K/W
80
100
120
140
160
180
0
40
80
120
160
200
30˚
60˚
90˚
180˚
DC
120˚
150U(R)
RthJC (DC) = 0.3 K/W
Conduction Period
80
100
120
140
160
180
RthSA
=0.05
K/W
- Delta
R
0.2
K/W
0.4
K/W
0.6
K/W
0.8 K/W
1.2 K/W
0
50
100
150
200
250
300
0
50
100
150
200
250
300
RMS Limit
Conduction Period
180˚
120˚
90˚
60˚
30˚
DC
150U(R) Series
Tj = 180˚C
80
100
120
140
160
180
RthSA
=0.05
K/W
- Delta
R
0.2
K/W
0.4
K/W
0.6
K/W
1.2 K/W
0
50
100
150
200
250
300
0
50
100
150
200
RMS Limit
Conduction Angle
180˚
120˚
90˚
60˚
30˚
150U(R)
Tj = 180˚C


Similar Part No. - 150UR100D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150UR100D VISHAY-150UR100D Datasheet
99Kb / 6P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
150UR100D VISHAY-150UR100D Datasheet
115Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
150UR100DL VISHAY-150UR100DL Datasheet
99Kb / 6P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
150UR100DL VISHAY-150UR100DL Datasheet
115Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
More results

Similar Description - 150UR100D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com