Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950703XFLF-T Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS950703XFLF-T
Description  PROGRAMMABLE TIMING CONTROL HUB FOR P4
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950703XFLF-T Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS950703XFLF-T Datasheet HTML 7Page - Integrated Circuit Systems ICS950703XFLF-T Datasheet HTML 8Page - Integrated Circuit Systems ICS950703XFLF-T Datasheet HTML 9Page - Integrated Circuit Systems ICS950703XFLF-T Datasheet HTML 10Page - Integrated Circuit Systems ICS950703XFLF-T Datasheet HTML 11Page - Integrated Circuit Systems ICS950703XFLF-T Datasheet HTML 12Page - Integrated Circuit Systems ICS950703XFLF-T Datasheet HTML 13Page - Integrated Circuit Systems ICS950703XFLF-T Datasheet HTML 14Page - Integrated Circuit Systems ICS950703XFLF-T Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
Integrated
Circuit
Systems, Inc.
ICS950703
0690D—05/14/04
Table2: Spread Spectrum Select
SS1
SS0
(Byte 1 bit 7)
(Byte 1 bit 6)
0
0
0.35%
Default
0
1
0.50%
Spread 2
1
0
0.70%
Spread 3
1
1
1.00%
Spread 4
0.45%
0.75%
1.00%
Note
Spread %
0.32%
Downspread
%
I
2C Table: Frequency Select Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
FS Source
Frequency H/W IIC
Select
RW
Latch
Inputs
IIC
0
Bit 6
FS6
Freq Select Bit 6
RW
0
Bit 5
FS5
Freq Select Bit 5
RW
0
Bit 4
FS4
Freq Select Bit 4
RW
0
Bit 3
FS3
Freq Select Bit 3
RW
0
Bit 2
FS2
Freq Select Bit 2
RW
0
Bit 1
FS1
Freq Select Bit 1
RW
0
Bit 0
FS0
Freq Selcet Bit 0
RW
1
I
2C Table: Spreading, Device Behavior and Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
SS1
Spread Select 1
RW
0
Bit 6
SS0
Spread Select 0
RW
0
Bit 5
SSEN
Spread Enable
Control
RW
Disable
Enable
0
Bit 4
Reserved
Reserved
RW
-
-
0
Bit 3
CPUT/C3
Output Control
RW
Disable
Enable
1
Bit 2
CPUT/C2
Output Control
RW
Disable
Enable
1
Bit 1
CPUT/C1
Output Control
RW
Disable
Enable
1
Bit 0
CPUT/C0
Output Control
RW
Disable
Enable
1
-
51/50
45/44
42/41
See Table 2: Spread
Spectrum Table
-
-
-
-
-
Byte 1
See Table 1: Quad
Rom
TM Frequency
Selection Table
-
Byte 0
48/47
-
-
-
-
-
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
PCICLK7
Output Control
RW
Disable
Enable
1
Bit 6
PCICLK6
Output Control
RW
Disable
Enable
1
Bit 5
PCICLK5
Output Control
RW
Disable
Enable
1
Bit 4
PCICLK4
Output Control
RW
Disable
Enable
1
Bit 3
PCICLK3
Output Control
RW
Disable
Enable
1
Bit 2
PCICLK2
Output Control
RW
Disable
Enable
1
Bit 1
PCICLK1
Output Control
RW
Disable
Enable
1
Bit 0
PCICLK0
Output Control
RW
Disable
Enable
1
14
11
9
8
18
17
15
Byte 2
12


Similar Part No. - ICS950703XFLF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950104 ICST-ICS950104 Datasheet
222Kb / 19P
   Programmable System Clock Chip for PIII Processor
ICS950104YFT ICST-ICS950104YFT Datasheet
222Kb / 19P
   Programmable System Clock Chip for PIII Processor
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
   Programmable Timing Control Hub??for P4?
logo
Renesas Technology Corp
ICS950201 RENESAS-ICS950201 Datasheet
343Kb / 16P
   Programmable Timing Control HubTM for P4TM
01/25/10
logo
Integrated Circuit Syst...
ICS950201FLF-T ICST-ICS950201FLF-T Datasheet
206Kb / 16P
   Programmable Timing Control Hub??for P4?
More results

Similar Description - ICS950703XFLF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
   Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
   Programmable Timing Control Hub for P4
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
   Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
   Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Syst...
ICS950908 ICST-ICS950908 Datasheet
279Kb / 22P
   Programmable Timing Control Hub??for P4?
ICS950905 ICST-ICS950905 Datasheet
206Kb / 18P
   Programmable Timing Control Hub??for P4?
ICS950902 ICST-ICS950902 Datasheet
184Kb / 20P
   Programmable Timing Control Hub??for P4?
ICS950901 ICST-ICS950901 Datasheet
208Kb / 20P
   Programmable Timing Control Hub for P4
ICS950223 ICST-ICS950223 Datasheet
209Kb / 24P
   Programmable Timing Control Hub for P4
ICS950227 ICST-ICS950227 Datasheet
128Kb / 17P
   Programmable Timing Control Hub for P4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com