Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q3G336010 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Q3G336010
Description  RESIN-COATED, RADIAL-LEAD TANTALUM CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Q3G336010 Datasheet(HTML) 1 Page - Vishay Siliconix

  Q3G336010 Datasheet HTML 1Page - Vishay Siliconix Q3G336010 Datasheet HTML 2Page - Vishay Siliconix Q3G336010 Datasheet HTML 3Page - Vishay Siliconix Q3G336010 Datasheet HTML 4Page - Vishay Siliconix Q3G336010 Datasheet HTML 5Page - Vishay Siliconix Q3G336010 Datasheet HTML 6Page - Vishay Siliconix Q3G336010 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.vishay.com
127
ETQW
Vishay Roederstein
Document Number 42075
Revision 15-Aug-02
For technical questions, contact eurotant@vishay.com
Resin-Coated, Radial-Lead
Tantalum Capacitors
DIMENSIONS in millimeters
• Flame retardant encapsulation
• Practically without epoxy run down
•Very high temperature range
• Improved humidity class
•Very low leakage current
•Very high CV product
• Close capacitance tolerance
• Low temperature dependence
•Very high operational reliability
•Very low failure rate
• Preaged under temperature and voltage
FEATURES
MODEL
D MAX.
H MAX.
RM
ØD
± 0.05
FORM DS
FORM L
H2 MAX
RM
H2 MAX
RM
ETQW — 1
4.5
7.5
2.5
0.5
10.5
5
10.5
5
ETQW — 2
5.0
9.5
2.5
0.5
12.5
5
12.5
5
ETQW — 3
6.0
10.5
2.5
0.5
13.5
5
13.5
5
ETQW — 4
6.5
11.5
2.5
0.5
14.5
5
14.5
5
ETQW — 5
9.0
14.0
5.0
0.5
17.0
5
-
-
ETQW — 6
9.5
17.0
5.0
0.5
20.0
5
-
-
Tantalum capacitors with sintered anode and solid
semiconductor electrolyte with flame retardant fluidized bed
coating. The type ETQW is characterized by very favorable
electrical values even at higher ambient temperatures. The
capacitor complies with DIN 45910 part 147. This type is also
available as a radially taped version.
ORDERING INFORMATION
Q1B
TYPE
685
CAPACITANCE
00
LEAD STYLES AND
PACKAGING
M = ± 20%
K = ± 10%
603
M
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
@ + 85°C
ETQW 1A ....
ETQW 6R
Expressed in
picofarads.The first
two digits are
significant figures.
The third is the
number of zeros
following.
Expressed by zeros if
needed to complete the 3
digit block. A decimal point
is indicated by an “0“ (603
= 6.3 Volts)
See Lead styles
and
packaging table
FORM DS
RM ± 0.5
D
1.1 ± 0.1
FORM L
BASIC VERSION
RM ± 0.5
D
RM ± 0.5
D
D
ød
MECHANICAL SPECIFICATIONS
Colour: Gold
Laser Marked: Capacity and voltage in clear text;
Plus pole marked, Date code (year/month)
according to DIN IEC 62
Leads : Tinned
D


Similar Description - Q3G336010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ETQW VISHAY-ETQW_08 Datasheet
405Kb / 8P
   Resin-Coated, Radial-Lead Tantalum Capacitors
Revision: 12-Jun-06
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
489D VISHAY-489D Datasheet
116Kb / 8P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision 02-Aug-02
logo
RCD COMPONENTS INC.
TRA10-103 RCD-TRA10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
logo
Vishay Siliconix
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
logo
MERITEK ELECTRONICS COR...
NTIC MERITEK-NTIC Datasheet
3Mb / 20P
   Radial lead resin coated
logo
Vishay Siliconix
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com