Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q6P227010 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # Q6P227010
Description  RESIN-COATED, RADIAL-LEAD TANTALUM CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Q6P227010 Datasheet(HTML) 6 Page - Vishay Siliconix

  Q6P227010 Datasheet HTML 1Page - Vishay Siliconix Q6P227010 Datasheet HTML 2Page - Vishay Siliconix Q6P227010 Datasheet HTML 3Page - Vishay Siliconix Q6P227010 Datasheet HTML 4Page - Vishay Siliconix Q6P227010 Datasheet HTML 5Page - Vishay Siliconix Q6P227010 Datasheet HTML 6Page - Vishay Siliconix Q6P227010 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
ETQW
Vishay Roederstein
Document Number 42075
Revision 15-Aug-02
132
For technical questions, contact eurotant@vishay.com
LEAD STYLES AND PACKAGING
CASE SIZE
CODE
RM IN MM
SPECIFICATION
REMARKS
± 0.5
1 - 6
00
2.5/5
Bulk
1 - 6
V0
5
Form DS, Bulk
1 - 4
W0
2.5
Reel, positive pole in front of
unreeling direction
1 - 4
T0
2.5
Reel, negative pole in front of
Reel with
unreeling direction
positive pole
1 - 4
H0
2.5
Ammo
in tape run
1 - 5
V2
5
Reel, positive pole in front of
direction in
unreeling direction
front is
1 - 5
R0
5
Reel, negative pole in front of
standard!
unreeling direction
1 - 5
O8
5
Ammo
1 - 4
C0
5
Style “L” Bulk
CASE SIZE
BULK
REEL
AMMO
00, V0, C0
W0, T0, V2, R0
H0, O8
ETQW 1 A,B
500
2500
2500
ETQW 2 C,D,E
500
2000
2000
ETQW 3 F,G
500
1500
1500
ETQW 4 H
500
1500
1500
ETQW 5 J,K,L
100
500
500
ETQW 6 M,N,P,R
100
-
-
REEL PACKING
AMMO PACKAGING (mm)
CARD BOARD
PROTECTIVE TAPE
INNERLAYER PAPER
CLAMP
TAPED
PARTS
41
- 45
320
- 330
Resin-Coated, Radial-Leaded
Tantalum Capacitors


Similar Description - Q6P227010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ETQW VISHAY-ETQW_08 Datasheet
405Kb / 8P
   Resin-Coated, Radial-Lead Tantalum Capacitors
Revision: 12-Jun-06
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
489D VISHAY-489D Datasheet
116Kb / 8P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision 02-Aug-02
logo
RCD COMPONENTS INC.
TRA10-103 RCD-TRA10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
logo
Vishay Siliconix
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
logo
MERITEK ELECTRONICS COR...
NTIC MERITEK-NTIC Datasheet
3Mb / 20P
   Radial lead resin coated
logo
Vishay Siliconix
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com