Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKM13EPY Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # PKM13EPY
Description  Piezoelectric Sounders External Drive Pin Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PKM13EPY Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  PKM13EPY Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PKM13EPY Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PKM13EPY Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PKM13EPY Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PKM13EPY Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PKM13EPY Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PKM13EPY Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PKM13EPY Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PKM13EPY Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
9
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Piezoelectric Sound Components
Piezoelectric Sounders External Drive Pin Type
Now microcomputers are widely used for microwave
ovens, air conditioners, cars, toys, timers, and other
alarm equipment. Externally driven piezoelectric
sounders are used in digital watches, electronic
calculators, telephones and other equipment. They are
driven by a signal (ex: 2048Hz or 4096Hz) from an LSI
and provide melodious sound.
s Features
1. Low power consumption
2. No contacts therefore, no noise and highly reliable
s Applications
1. Telephone ringers
2. Various office equipment such as PPCs, printers and
keyboards
3. Various home appliances such as microwave ovens
4. Confirmation sound of various audio equipment
2
−φ0.5
2
−φ1.0
φ12.6
5.0
2
−φ2.5
(In : mm)
Tol. :
±0.5
PKM13EPY-4002-B0
R1.0
2-
φ1.2
2-
φ3.5
10.0
φ17.0
Terminal of
marking
side should be connected
to hot side of D.C.
(in mm)
Tol. :
±0.5
PKM17EPP-2002-B0
0.8
Part Number
PKM17EPP-4001-B0
PKM17EPP-4002-B0
6.5
3.5
φ17.0
10.0
R1.0
2-
φ1.2
2-
φ3.5
(In : mm)
Tol. :
±0.5
PKM17EPP-4001-B0
R8.5
17.0
1.0
10.0
±0.15
3.5
2.0
±0.15
+0.25
-0.1
3.5
+0.25
-0.1
1.0
±0.15
7.5
±0.2
2.0
±0.05
3.0
±0.2
1.8
±0.15
(In : mm)
Tol. :
±0.5
PKM17EPT-4001-B0
12.6
Hole Pattern
(Reference)
23.0
2-
φ1.5
φ22.0
4.0
1.6
Part Number
PKM22EP-2001
PKM22EP-2002
PKM22EP-2003
4.0
8.0
12.0
(In : mm)
Tol. :
±0.5
PKM22EP-2001
φ22.0
10.0
R1.0
2
−φ1.2
2
−φ3.5
(In : mm)
Tol. :
±0.5
Part Number
PKM22EPP-2001-B0
PKM22EPP-2002-B0
6.5
3.5
0.8
PKM22EPP-2001-B0
Continued on the following page.
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
!Note
P37E18.pdf 03.7.18


Similar Part No. - PKM13EPY

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKM13EPYH4000-A0 MURATA-PKM13EPYH4000-A0 Datasheet
1Mb / 35P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
logo
Murata Manufacturing Co...
PKM13EPYH4000-A0 MURATA1-PKM13EPYH4000-A0 Datasheet
435Kb / 13P
   Specification of Piezoelectric Sounder
December 26, 2017
PKM13EPYH4000-A0 MURATA1-PKM13EPYH4000-A0_V01 Datasheet
435Kb / 13P
   Specification of Piezoelectric Sounder
December 26, 2017
logo
Murata Manufacturing Co...
PKM13EPYH4002-B0 MURATA-PKM13EPYH4002-B0 Datasheet
1Mb / 35P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
PKM13EPYH4002-B0 MURATA-PKM13EPYH4002-B0 Datasheet
214Kb / 3P
   Piezoelectric Sounders / Buzzers
More results

Similar Description - PKM13EPY

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
E2212AA HOKURIKU-E2212AA Datasheet
46Kb / 1P
   Piezoelectric Sounders
HAS-RP2-14-41-11 HOKURIKU-HAS-RP2-14-41-11 Datasheet
46Kb / 1P
   Piezoelectric Sounders
logo
Murata Manufacturing Co...
PKLCS1212E2000-R1 MURATA-PKLCS1212E2000-R1_17 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPH2002 MURATA-PKM22EPH2002_17 Datasheet
220Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH2002-B0 MURATA-PKM22EPPH2002-B0_17 Datasheet
217Kb / 3P
   Piezoelectric Sounders / Buzzers
PKLCS1212E2400-R1 MURATA-PKLCS1212E2400-R1 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH4002-B0 MURATA-PKM22EPPH4002-B0_17 Datasheet
218Kb / 3P
   Piezoelectric Sounders / Buzzers
PKLCS1212E4001-R1 MURATA-PKLCS1212E4001-R1 Datasheet
211Kb / 3P
   Piezoelectric Sounders / Buzzers
PKLCS1212E24A0-R1 MURATA-PKLCS1212E24A0-R1 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM13EPYH4002-B0 MURATA-PKM13EPYH4002-B0_17 Datasheet
214Kb / 3P
   Piezoelectric Sounders / Buzzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com