Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C33128PFS32A-166TQI Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS7C33128PFS32A-166TQI
Description  3.3V 128K X 32/36 pipeline burst synchronous SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33128PFS32A-166TQI Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS7C33128PFS32A-166TQI Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33128PFS32A-166TQI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33128PFS32A-166TQI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33128PFS32A-166TQI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33128PFS32A-166TQI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33128PFS32A-166TQI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33128PFS32A-166TQI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33128PFS32A-166TQI Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C33128PFS32A-166TQI Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AS7C33128PFS32A
AS7C33128PFS36A
®
3/4/02; v.1.4
Alliance Semiconductor
P. 6 of 13
DC electrical characteristics
Parameter
Symbol
Test conditions
–200
–183
–166
–133
–100
Unit
Min Max Min Max
Min
Max
Min
Max
Min
Max
Input leakage
current1
|ILI|VDD = Max, VIN = GND to VDD
–2–2
2
2
2
µA
Output leakage
current
|ILO|
OE
V
IH, VDD = Max,
VOUT = GND to VDD
–2–2
2
2
2
µA
Operating
power supply
current
ICC
2
CE0 = VIL, CE1 = VIH, CE2 = VIL,
f = fMax, IOUT = 0 mA
570
540
475
425
325
mA
Standby power
supply current
ISB
Deselected, f = fMax, ZZ VIL
160
140
130
100
90
mA
ISB1
Deselected, f = 0, ZZ
0.2V
all VIN 0.2V or VDD – 0.2V
30
30
30
30
30
ISB2
Deselected, f = fMax, ZZ VDD – 0.2V
All VIN VIL or VIH
30
30
30
30
30
Output voltage
VOL
IOL = 8 mA, VDDQ = 3.465V
0.4
0.4
0.4
0.4
0.4
V
VOH
IOH = –4 mA, VDDQ = 3.135V
2.4
2.4
2.4
2.4
2.4
1 LBO pin has an internal pull-up and input leakage = ±10
µa.
2 ICC given with no output loading. ICC increases with faster cycles times and greater output loading.
DC electrical characteristics for 2.5V I/O operation
Parameter
Symbol
Test conditions
–200
–183
–166
–133
–100
Unit
Min Max Min Max Min Max Min Max Min Max
Output leakage
current
|ILO|
OE
V
IH, VDD = Max,
VOUT = GND to VDD
–1
1–11
–1
1
–1
1
–1
1
µA
Output voltage
VOL
IOL = 2 mA, VDDQ = 2.65V
0.7
0.7
0.7
0.7
0.7
V
VOH
IOH = –2 mA, VDDQ = 2.35V
1.7
1.7
1.7
1.7
1.7


Similar Part No. - AS7C33128PFS32A-166TQI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128PFS32B ALSC-AS7C33128PFS32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32B-133TQC ALSC-AS7C33128PFS32B-133TQC Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32B-133TQCN ALSC-AS7C33128PFS32B-133TQCN Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32B-133TQI ALSC-AS7C33128PFS32B-133TQI Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32B-133TQIN ALSC-AS7C33128PFS32B-133TQIN Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
More results

Similar Description - AS7C33128PFS32A-166TQI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32B ALSC-AS7C33128PFS32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD32B ALSC-AS7C33128PFD32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
List of Unclassifed Man...
GVT71128D32 ETC1-GVT71128D32 Datasheet
56Kb / 13P
   128K X 32 SYNCHRONOUS BURST SRAM
logo
Alliance Semiconductor ...
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com