Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSAU324 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MSAU324
Description  1W, High Isolation SMD, Single & Dual Output DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSAU324 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSAU324 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSAU324 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSAU324 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSAU324 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSAU324 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dual Output
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
Com.
-Vo
Single Output
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
-Vo
Block Diagram
Low Profile
Low Cost
$
I/O Isolation
3000
VDC
SMD
Minmax's MSAU300 1W DC/DC's are in "gull-wing" SMT package,
weigh a mere 2.2 grams and meet 245]/10sec in solder-reflow for lead
free process.
The series is designed to provide high levels of isolation 3000VDC. It
consists of 18 models with input voltages of 5V,12V and 24VDC which
offers standard output voltages of 5V, 12V, 15V, {5V, {12V and
{15VDC for the choice. Their impressive guaranteed efficiencies enable
all models to deliver their fully rated output power from -40] to +85]
without heat sinking or forced-air cooling.
The MSAU300 series is an excellent selection for a variety of
applications including data communication equipments, distributed power
systems, telecommunication equipments and industrial robot systems.
The MSAU300 units are available in tape and reel package.
Internal SMD Construction
UL 94V-0 Package Material
Lead Frame Technology
Temperature Performance -40] to +85]
Output 5, 12, 15, {5, {12 and {15VDC
Input 5, 12 and 24VDC
Low Cost
MTBF > 2,000,000 Hours
3000VDC Isolation
Efficiency up to 81%
Key Features
1W, High Isolation SMD, Single & Dual Output DC/DC Converters
MSAU300 Series
REV:0 2005/04
MINMAX
1


Similar Part No. - MSAU324

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSAU324 MINMAX-MSAU324 Datasheet
266Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Total Power Internation...
MSAU324 TOTAL-POWER-MSAU324 Datasheet
475Kb / 4P
   SMD Package with Industry Standard Pinout
More results

Similar Description - MSAU324

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSLU300 MINMAX-MSLU300 Datasheet
178Kb / 6P
   1W, High Isolation SMD, Single & Dual Output DC/DC Converters
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MPS Industries, Inc.
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
662Kb / 3P
   High Isolation, 1W SIP Single & Dual Output DC/DC Converters
LF100DI MPD-LF100DI Datasheet
216Kb / 2P
   High Isolation, 1W Dual Output SMT DC/DC Converters
LF100SI MPD-LF100SI Datasheet
218Kb / 2P
   High Isolation, 1W Single Output SMT DC/DC Converters
logo
MPS Industries, Inc.
ADC400 MPSIND-ADC400 Datasheet
171Kb / 2P
   1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100 Datasheet
196Kb / 8P
   1W, Miniature SMD, Single & Dual Output DC/DC Converters
MFU100 MINMAX-MFU100 Datasheet
156Kb / 6P
   1W, Ultra-Miniature, High Isolation, Single Output DC/DC Converters
logo
Total Power Internation...
MAU400 TOTAL-POWER-MAU400 Datasheet
338Kb / 6P
   1W, Ultra High Isolation SIP SINGLE AND DUAL OUTPUT DC/DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com