Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKM22EPP Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # PKM22EPP
Description  Piezoelectric Sounders External Drive Pin Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PKM22EPP Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button PKM22EPP Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PKM22EPP Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PKM22EPP Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PKM22EPP Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PKM22EPP Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PKM22EPP Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PKM22EPP Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PKM22EPP Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PKM22EPP Datasheet HTML 13Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
19
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Piezoelectric Sound Components
Piezoelectric Sounders External Drive SMD Type
Taking advantage of extensive acoustic and mechanical
design technology and high performance ceramics,
Murata has developed SMD piezoelectric sounders that
suite the thin, high-density design of electronic
equipment.
s Features
1. High S.P.L. and clear sound
2. Reflowable
3. Tape & Reel supply
4. Minimum quantity (order in sets only): 1,000 pcs.
0.9
(6.4)
10.0
12.0
(1.9)
Sound Emitting Hole
in mm
( ) : Ref. only
Tol.
±0.2
Part Number
Sound Pressure Level
(dB)
Max. of Operating
Voltage Range
(Vp-p)
Operating
Temp. Range
Storage
Temp. Range
Use
PKLCS1212E4001-R1
75 min.[3Vp-p,4kHz,square wave,10cm]
25 max.
-20 to +70
°C
-30 to +80
°C
For consumer electronics
PKLCS1212E40A1-R1
75 min.[3Vp-p,4kHz,square wave,10cm]
25 max.
-40 to +85
°C
-40 to +85
°C For automotive electronics
s Standard Land Pattern Dimensions
10.0
12.4
(in mm)
s Freq. Response (Square Wave 3Vp-p, 10cm)
Frequency (kHz)
100
90
80
70
60
50
40
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage : 3.00Vp-p Square
Distance : 10cm
Continued on the following page.
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
!Note
P37E18.pdf 03.7.18


Similar Part No. - PKM22EPP

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKM22EPPH2001-B0 MURATA-PKM22EPPH2001-B0 Datasheet
1Mb / 35P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
PKM22EPPH2001-B0 MURATA-PKM22EPPH2001-B0 Datasheet
217Kb / 3P
   Piezoelectric Sounders / Buzzers
logo
Murata Manufacturing Co...
PKM22EPPH2001-B0 MURATA1-PKM22EPPH2001-B0 Datasheet
346Kb / 8P
   Specification of Piezoelectric Sounder
January 22, 2018
PKM22EPPH2001-B0 MURATA1-PKM22EPPH2001-B0_V01 Datasheet
346Kb / 8P
   Specification of Piezoelectric Sounder
January 22, 2018
logo
Murata Manufacturing Co...
PKM22EPPH2002-B0 MURATA-PKM22EPPH2002-B0 Datasheet
213Kb / 3P
   low power consumption
More results

Similar Description - PKM22EPP

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
E2212AA HOKURIKU-E2212AA Datasheet
46Kb / 1P
   Piezoelectric Sounders
HAS-RP2-14-41-11 HOKURIKU-HAS-RP2-14-41-11 Datasheet
46Kb / 1P
   Piezoelectric Sounders
logo
Murata Manufacturing Co...
PKLCS1212E2000-R1 MURATA-PKLCS1212E2000-R1_17 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPH2002 MURATA-PKM22EPH2002_17 Datasheet
220Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH2002-B0 MURATA-PKM22EPPH2002-B0_17 Datasheet
217Kb / 3P
   Piezoelectric Sounders / Buzzers
PKLCS1212E2400-R1 MURATA-PKLCS1212E2400-R1 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH4002-B0 MURATA-PKM22EPPH4002-B0_17 Datasheet
218Kb / 3P
   Piezoelectric Sounders / Buzzers
PKLCS1212E4001-R1 MURATA-PKLCS1212E4001-R1 Datasheet
211Kb / 3P
   Piezoelectric Sounders / Buzzers
PKLCS1212E24A0-R1 MURATA-PKLCS1212E24A0-R1 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM13EPYH4002-B0 MURATA-PKM13EPYH4002-B0_17 Datasheet
214Kb / 3P
   Piezoelectric Sounders / Buzzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com