Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2951CDM-3.3 Datasheet(PDF) 11 Page - ON Semiconductor

Part # LP2951CDM-3.3
Description  Micropower Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2951CDM-3.3 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LP2951CDM-3.3 Datasheet HTML 7Page - ON Semiconductor LP2951CDM-3.3 Datasheet HTML 8Page - ON Semiconductor LP2951CDM-3.3 Datasheet HTML 9Page - ON Semiconductor LP2951CDM-3.3 Datasheet HTML 10Page - ON Semiconductor LP2951CDM-3.3 Datasheet HTML 11Page - ON Semiconductor LP2951CDM-3.3 Datasheet HTML 12Page - ON Semiconductor LP2951CDM-3.3 Datasheet HTML 13Page - ON Semiconductor LP2951CDM-3.3 Datasheet HTML 14Page - ON Semiconductor LP2951CDM-3.3 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LP2950
http://onsemi.com
11
330 k
Figure 22. Regulator with Early Warning and Auxiliary Output
+Vin
Memory
V+
1.0
µF
20
5
3
Error
SD
Gnd
FB
47
6
VO T
SNS
2
Vout
Vin
8
1
LP2951CN
#1
1.0
µF
5
3
Error
SD
Gnd
FB
47
6
VO T
SNS
2
Vout
Vin
8
1
LP2951CN
#2
NC
Reset
VDD
µP
Early Warning
All diodes are 1N4148.
Early Warning flag on low input voltage.
Main output latches off at lower input
voltages.
Battery backup on auxiliary output.
Operation: Regulator #1’s Vout is
programmed one diode drop above 5.0 V.
Its error flag becomes active when Vin < 5.7
V. When Vin drops below 5.3 V, the error
flag of regulator #2 becomes active and via
Q1 latches the main output “off”. When Vin
again exceeds 5.7 V, regulator #1 is back in
regulation and the early warning signal
rises, unlatching regulator #2 via D3.
D4
2.7 M
Q1
2N3906
D2
D1
D3
27 k
3.6 V
NiCad
Main
Output
Figure 23. 2.0 A Low Dropout Regulator
+Vin
Vout @ 2.0 A
100
µF
NC
NC
R2
R1
470
5
3
Error
SD
Gnd
FB
47
6
VO T
SNS
2
Vout
Vin
8
1
LP2951CN
MJE2955
4.7 M
Error
Flag
Vout = 1.25V (1.0 + R1/R2)
For 5.0 V output, use internal resistors. Wire Pin 6 to 7,
and wire Pin 2 to +Vout Bus.
20 k
47
4.7
µF
Tant
0.05
680
0.033
µF
2N3906
10 k
Current Limit
Section
220
1000
µF
.33
µF
.01
µF
2N3906


Similar Part No. - LP2951CDM-3.3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LP2951CDM-3.3 ONSEMI-LP2951CDM-3.3 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951CDM-3.3 ONSEMI-LP2951CDM-3.3 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951CDM-3.3R2G ONSEMI-LP2951CDM-3.3R2G Datasheet
188Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2015 ??Rev. 28
More results

Similar Description - LP2951CDM-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2951JAN TI1-LP2951JAN Datasheet
494Kb / 24P
[Old version datasheet]   Adjustable Micropower Voltage Regulators
logo
National Semiconductor ...
LP4950C-5V NSC-LP4950C-5V_05 Datasheet
850Kb / 14P
   Adjustable Micropower Voltage Regulators
LP2951 NSC-LP2951 Datasheet
271Kb / 16P
   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
LP4950C-5V NSC-LP4950C-5V Datasheet
436Kb / 14P
   Adjustable Micropower Voltage Regulators
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
LP2951-50QDRGRQ1 TI1-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
LP2951-33-Q1 TI1-LP2951-33-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   Adjustable Micropower Voltage Regulators With Shutdown
logo
Motorola, Inc
MC78FC00 MOTOROLA-MC78FC00 Datasheet
90Kb / 4P
   MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com