Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95810UIRT8Z-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL95810UIRT8Z-T
Description  Single Digitally Controlled Potentiometer (XDCP)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95810UIRT8Z-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL95810UIRT8Z-T Datasheet HTML 1Page - Intersil Corporation ISL95810UIRT8Z-T Datasheet HTML 2Page - Intersil Corporation ISL95810UIRT8Z-T Datasheet HTML 3Page - Intersil Corporation ISL95810UIRT8Z-T Datasheet HTML 4Page - Intersil Corporation ISL95810UIRT8Z-T Datasheet HTML 5Page - Intersil Corporation ISL95810UIRT8Z-T Datasheet HTML 6Page - Intersil Corporation ISL95810UIRT8Z-T Datasheet HTML 7Page - Intersil Corporation ISL95810UIRT8Z-T Datasheet HTML 8Page - Intersil Corporation ISL95810UIRT8Z-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN8090.1
October 7, 2005
SDA vs SCL Timing
WP Pin Timing
NOTES:
1. Typical values are for TA = 25°C and 3.3V supply voltage.
2. LSB: [V(RW)255 – V(RW)0]/255. V(RW)255 and V(RW)0 are V(RW) for the DCP register set to FF hex and 00 hex respectively. LSB is the
incremental voltage when changing from one tap to an adjacent tap.
3. ZS error = V(RW)0/LSB.
4. FS error = [V(RW)255 – VCC]/LSB.
5. DNL = [V(RW)i – V(RW)i-1]/LSB-1, for i = 1 to 255. i is the DCP register setting.
6. INL = [V(RW)i – (i • LSB – V(RW)0)]/LSB for i = 1 to 255.
7.
for i = 16 to 240 decimal, T = -40°C to 85°C. Max( ) is the maximum value of the wiper
voltage and Min ( ) is the minimum value of the wiper voltage over the temperature range.
8. MI =
|R255 – R0|/255. R255 and R0 are the measured resistances for the DCP register set to FF hex and 00 hex respectively.
Roffset = R0/MI, when measuring between RW and RL.
9. Roffset = R255/MI, when measuring between RW and RH.
10. RDNL = (Ri – Ri-1)/MI, for i = 32 to 255.
11. RINL = [Ri – (MI • i) – R0]/MI, for i = 32 to 255.
12.
for i = 32 to 255, T = -40°C to 85°C. Max( ) is the maximum value of the resistance and Min ( ) is the
minimum value of the resistance over the temperature range.
13. This parameter is not 100% tested.
tF (Note 13)
SDA and SCL Fall Time
From 70% to 30% of VCC
20 +
0.1 * Cb
250
ns
Cb (Note 13)
Capacitive Loading of SDA or SCL Total on-chip and off-chip
10
400
pF
Rpu (Note 13)
SDA and SCL Bus Pull-Up
Resistor Off-Chip
Maximum is determined by tR and tF.
For Cb = 400pF, max is about 2~2.5k
Ω.
For Cb = 40pF, max is about 15~20k
1k
tWP (Notes 13, 14) Non-Volatile Write Cycle Time
12
20
ms
tSU:WP
WP Setup Time
Before START condition
600
ns
tHD:WP
WP Hold Time
After STOP condition
600
ns
Operating Specifications Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 1)
MAX
UNITS
tSU:STO
tDH
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA
(INPUT TIMING)
SDA
(OUTPUT TIMING)
tF
tLOW
tBUF
tAA
tR
tHD:WP
SCL
SDA IN
WP
tSU:WP
CLK 1
START
STOP
tHD:STO
tHD:STO:NV
TCV
Max V RW
()
i
() Min V RW
()
i
()
Max V RW
()
i
() Min V RW
()
i
()
+
[] 2
----------------------------------------------------------------------------------------------
106
125°C
-----------------
×
=
TCR
Max Ri
() Min Ri
()
[]
Max Ri
() Min Ri
()
+
[] 2
----------------------------------------------------------------
10
6
125°C
-----------------
×
=
ISL95810


Similar Part No. - ISL95810UIRT8Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95810UIRT8Z INTERSIL-ISL95810UIRT8Z Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
logo
Renesas Technology Corp
ISL95810UIRT8Z RENESAS-ISL95810UIRT8Z Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C Bus, 256 Taps
More results

Similar Description - ISL95810UIRT8Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com