Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1175S Datasheet(PDF) 3 Page - Aimtron Technology

Part # AT1175S
Description  8-BIT 20MSPS CMOS VIDEO A/D CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1175S Datasheet(HTML) 3 Page - Aimtron Technology

  AT1175S Datasheet HTML 1Page - Aimtron Technology AT1175S Datasheet HTML 2Page - Aimtron Technology AT1175S Datasheet HTML 3Page - Aimtron Technology AT1175S Datasheet HTML 4Page - Aimtron Technology AT1175S Datasheet HTML 5Page - Aimtron Technology AT1175S Datasheet HTML 6Page - Aimtron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AT1175
Preliminary Product Information
8-Bit 20MSPS CMOS VIDEO A/D CONVERTER
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
3
Absolute Maximum Ratings (Beyond which damage may occur) 250C
Supply Voltages
VDD …………………………………………...-0.5 to +7.0 V
Input Voltages
Analog Input ………………………………...AGND to VDD
Reference Input Voltage ………………….…AGND to VDD
ESD Susceptibility ………………………………±1,500V
Temperature
Operating Temperature …………..…………-20 to +700C
Junction Temperature ………………………………1750C
Lead Temperature, (Soldering 10 seconds) ………..3000C
Storage Temperature …………………...….-55 to +1250C
Electrical Specifications
Ta=+250C, AVDD=DVDD= VDD =+5.0V, AGND=DGND=0.0V, VRB=1V and VRT=3V, fs=20 MSPS ,unless otherwise specified.
PARAMETERS
TEST CONDICTION
MIN
TYP
MAX UNITS
Resolution
8
Bits
DC Accuracy (+250C)
Integral Nonlinearity
Differential Nonlinearity
Zero Scale Error
Full Scale Error
No Missing Codes
fs=20 MSPS,
V
IN =1.0V to 3.0V
EZS
EFS
±
0.8
±
0.5
-10
-35
-60
0
45
60
Guaranteed
LSB
LSB
mV
mV
Analog Input
Input Voltage Range
Input Bias Current
Input Resistance
Input Capacitance
V
IN
V
RB
V
RT
±
5.0
100
200
15
V
μ
A
pF
Reference Input
Reference Ladder Resistance
Reference Current
Reference Input Voltage
Reference Differential
Internal Bias1
Internal Bias2 (V
RT)
V
RT to VRB
V
RT - VRB =2.0V
V
RB
V
RT
V
RT - VRB
V
RB
V
RT –VRB
Short V
RT and VRTS
Short V
RB and VRBS
Short V
RT and VRTS
Short V
RB and AGND
200
270
340
5.2
7.5
10.5
0.0
0.6
3.0
2.0
2.6
V
DD
1.0
-
5.0
0.55
0.60
0.65
1.9
2.0
2.1
2.25
2.39
2.53
Ω
mA
V
V
V
V
V
V
Dynamic Performance
Signal-To-Noise Ratio
fin=1.667MHz
fin=3.85MHz
Spurious Free Dynamic Range
fin=1.667MHz
fin=3.85MHz
Differential Phase
Differential Gain
fs=14.29 MSPS
fs=14.29 MSPS
NTSC 40 IRE Mod Ramp
fs=14.3 MSPS
44
46
43
43
48
41
42
0.7
1.0
dB
dB
dB
dB
Degrees
%
Digital Inputs
Voltage, Logic High
4.0
V
DD
V


Similar Part No. - AT1175S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT11-310-1605 AMPHENOL-AT11-310-1605 Datasheet
226Kb / 2P
   RECEPTACLE, 2 PIN, AT SERIES,
A5
AT11-310-1605 AMPHENOL-AT11-310-1605 Datasheet
246Kb / 2P
   RECEPTACLE, 3 PIN, AT SERIES
A4
AT11-310-1605 AMPHENOL-AT11-310-1605 Datasheet
360Kb / 2P
   RECEPTACLE, 4 PIN, AT SERIES, W/FLANGE, GASKET
A1
AT11-310-1605 AMPHENOL-AT11-310-1605 Datasheet
247Kb / 2P
   RECEPTACLE, 4 PIN, AT SERIES,
A5
AT11-310-1605 AMPHENOL-AT11-310-1605 Datasheet
363Kb / 2P
   RECEPTACLE, 6 PIN, AT SERIES, W/FLANGE, GASKET
A1
More results

Similar Description - AT1175S

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
CXD1172AM SONY-CXD1172AM Datasheet
364Kb / 11P
   6-bit 20MSPS Video A/D Converter (CMOS)
logo
Intersil Corporation
HI1172 INTERSIL-HI1172_00 Datasheet
82Kb / 7P
   6-Bit, 20MSPS, Video A/D Converter (CMOS)
logo
Sony Corporation
CXD2310AR SONY-CXD2310AR Datasheet
302Kb / 16P
   10-bit 20MSPS Video A/D Converter
CXD2311AR SONY-CXD2311AR Datasheet
307Kb / 16P
   10-bit 20MSPS Video A/D Converter
CXD3300R SONY-CXD3300R Datasheet
220Kb / 17P
   10-bit 20MSPS Video A/D Converter
CXD2312R SONY-CXD2312R Datasheet
305Kb / 16P
   9-bit 20MSPS Video A/D Converter
CXD1176Q SONY-CXD1176Q Datasheet
402Kb / 25P
   8-bit 20MSPS Video A/D Converter with Clamp Function
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Renesas Technology Corp
HI567 RENESAS-HI567 Datasheet
572Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
March 2003
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com