Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M51R16AWG-10L Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M5M51R16AWG-10L
Description  1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M51R16AWG-10L Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M5M51R16AWG-10L Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M51R16AWG-10L Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M51R16AWG-10L Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M51R16AWG-10L Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M51R16AWG-10L Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M51R16AWG-10L Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M51R16AWG-10L Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MITSUBISHI LSIs
1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51R16AWG -10L, -12L, -15L,
-10H, -12H, -15H
MITSUBISHI
ELECTRIC
Aug.1. 1998
Read cycle
(4) TIMING DIAGRAMS
th(D)
Write cycle ( W control mode )
5
DATA VALID
(Note 4)
(Note 4)
DQ1~16
BC1 and/or BC2
ta(A)
ta(BC1) or
ta(BC2)
ten(BC2)
tv(A)
S
OE
ta(S)
ten(S)
tdis(BC1) or
tdis(BC2)
tdis(S)
ta(OE)
ten(OE)
tdis(OE)
(Note 4)
(Note 4)
(Note 4)
(Note 4)
A0~15
tCR
ten(BC1)
W = "H" level
tsu(D)
DQ1~16
BC1 and/or BC2
tsu(BC1) or tsu(BC2)
S
OE
tsu(S)
tsu(A-WH)
ten(OE)
tdis(OE)
(Note 4)
(Note 4)
(Note 4)
(Note 4)
A0~15
W
tw(W)
trec(W)
tsu(A)
ten(W)
tdis(W)
tCW
DATA IN
STABLE


Similar Part No. - M5M51R16AWG-10L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M51R16AWG-10LI MITSUBISHI-M5M51R16AWG-10LI Datasheet
89Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
More results

Similar Description - M5M51R16AWG-10L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M51016BTP-12VL MITSUBISHI-M5M51016BTP-12VL Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-12VL-I MITSUBISHI-M5M51016BTP-12VL-I Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M564R16DJ-10 MITSUBISHI-M5M564R16DJ-10 Datasheet
90Kb / 7P
   1048576-BIT (65536-WORD BY 16-BIT) CMOS STATIC RAM
M5M51016BTP-70L MITSUBISHI-M5M51016BTP-70L Datasheet
79Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51R16AWG-10LI MITSUBISHI-M5M51R16AWG-10LI Datasheet
89Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-10VL-I MITSUBISHI-M5M51016BTP-10VL-I Datasheet
85Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M5165P MITSUBISHI-M5M5165P Datasheet
394Kb / 6P
   65536-BIT (8192-WORD BY 8-BIT) CMOS STATIC RAM
M5M512R88DJ-10 MITSUBISHI-M5M512R88DJ-10 Datasheet
62Kb / 6P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V4R04J-12 MITSUBISHI-M5M5V4R04J-12 Datasheet
56Kb / 6P
   4194304-BIT (1048576-WORD BY 4-BIT) CMOS STATIC RAM
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com