Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2951ACN-3.0 Datasheet(PDF) 9 Page - ON Semiconductor

Part # LP2951ACN-3.0
Description  Micropower Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2951ACN-3.0 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LP2951ACN-3.0 Datasheet HTML 5Page - ON Semiconductor LP2951ACN-3.0 Datasheet HTML 6Page - ON Semiconductor LP2951ACN-3.0 Datasheet HTML 7Page - ON Semiconductor LP2951ACN-3.0 Datasheet HTML 8Page - ON Semiconductor LP2951ACN-3.0 Datasheet HTML 9Page - ON Semiconductor LP2951ACN-3.0 Datasheet HTML 10Page - ON Semiconductor LP2951ACN-3.0 Datasheet HTML 11Page - ON Semiconductor LP2951ACN-3.0 Datasheet HTML 12Page - ON Semiconductor LP2951ACN-3.0 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LP2950
http://onsemi.com
9
Figure 16. Adjustable Regulator
Error
Output
Shutdown
Input
Vin
Vout
1.23 to 30 V
3.3
µF
0.01
µF
NC
NC
R2
R1
100 k
5
3
Error
SD
Gnd
FB
47
6
VO T
SNS
2
Vout
Vin
8
1
The complete equation for the output voltage is:
Vout + Vref (1 ) R1 R2) ) IFB R1
where Vref is the nominal 1.235 V reference voltage and IFB
is the feedback pin bias current, nominally – 20 nA. The
minimum recommended load current of 1.0
µA forces an
upper limit of 1.2 M
Ω on the value of R2, if the regulator
must work with no load. IFB will produce a 2% typical error
in Vout which may be eliminated at room temperature by
adjusting R1. For better accuracy, choosing R2 = 100 k
reduces this error to 0.17% while increasing the resistor
program current to 12
µA. Since the LP2951 typically draws
75
µA at no load with Pin 2 open circuited, the extra 12 µA
of current drawn is often a worthwhile tradeoff for
eliminating the need to set output voltage in test.
Output Noise
In many applications it is desirable to reduce the noise
present at the output. Reducing the regulator bandwidth by
increasing the size of the output capacitor is the only method
for reducing noise on the 3 lead LP2950. However,
increasing the capacitor from 1.0
µF to 220 µF only
decreases the noise from 430
µV to 160 µVrms for a 100 kHz
bandwidth at the 5.0 V output.
Noise can be reduced fourfold by a bypass capacitor
across R1, since it reduces the high frequency gain from 4
to unity. Pick
C
Bypass [
1
2
pR1 x 200 Hz
or about 0.01
µF. When doing this, the output capacitor must
be increased to 3.3
µF to maintain stability. These changes
reduce the output noise from 430
µV to 126 µVrms for a
100 kHz bandwidth at 5.0 V output. With bypass
capacitor added, noise no longer scales with output voltage
so that improvements are more dramatic at higher output
voltages.
Figure 17. 1.0 A Regulator with 1.2 V Dropout
0.01
µF
10 k
MTB23P06E
1.0
µF
Unregulated
Input
Error
Output
Shutdown
Input
Vout
5.0 V
±1.0%
0 to 1.0 A
220
µF
2.0 k
5
3
Error
SD
Gnd
FB
47
6
VO T
SNS
2
Vout
Vin
8
1
0.002
µF
1.0 M
LP2951CN


Similar Part No. - LP2951ACN-3.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2951ACN-3.0 NSC-LP2951ACN-3.0 Datasheet
1Mb / 26P
   Series of Adjustable Micropower Voltage Regulators
logo
Texas Instruments
LP2951ACN-3.0 TI1-LP2951ACN-3.0 Datasheet
657Kb / 30P
[Old version datasheet]   Series of Adjustable Micropower Voltage Regulators
logo
ON Semiconductor
LP2951ACN-3.0 ONSEMI-LP2951ACN-3.0 Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACN-3.0 ONSEMI-LP2951ACN-3.0 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACN-3.0 ONSEMI-LP2951ACN-3.0 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
More results

Similar Description - LP2951ACN-3.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2951JAN TI1-LP2951JAN Datasheet
494Kb / 24P
[Old version datasheet]   Adjustable Micropower Voltage Regulators
logo
National Semiconductor ...
LP4950C-5V NSC-LP4950C-5V_05 Datasheet
850Kb / 14P
   Adjustable Micropower Voltage Regulators
LP2951 NSC-LP2951 Datasheet
271Kb / 16P
   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
LP4950C-5V NSC-LP4950C-5V Datasheet
436Kb / 14P
   Adjustable Micropower Voltage Regulators
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
LP2951-50QDRGRQ1 TI1-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
LP2951-33-Q1 TI1-LP2951-33-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   Adjustable Micropower Voltage Regulators With Shutdown
logo
Motorola, Inc
MC78FC00 MOTOROLA-MC78FC00 Datasheet
90Kb / 4P
   MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com