Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH-470 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RCH-470
Description  RCH Series Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RCH-470 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RCH-470 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RCH Series Power Inductors
RCH-875
Dimensions(mm)
Specifications
Parts No. Inductance
DCR.(Max) Typical
/Rated DC. Current (A)
Parts No. Inductance
DCR.(Max) Typical
/Rated DC. Current (A)
100
10uH
0.05(0.03)/2.90
821
820uH
2.56(2.07)/0.30
120
12uH
0.06(0.03)/2.50
102
1.0mH
2.94(2.38)/0.27
150
15uH
0.07(0.05)/2.20
122
1.2mH
4.04(3.10)/0.24
180
18uH
0.08(0.05)/1.90
152
1.5mH
4.70(3.57)/0.22
220
22uH
0.09(0.06)1.80
182
1.8mH
5.05(3.99)/0.20
270
27uH
0.11(0.08)/1.70
222
2.2mH
6.25(4.82)/0.18
330
33uH
0.13(0.09)/1.50
272
2.7mH
8.72(6.58)/0.16
390
39uH
0.14(0.10)/1.40
332
3.3mH
10.60(7.57)/0.15
470
47uH
0.15(0.11)/1.30
392
3.9mH
14.20(10.6)/0.14
560
56uH
0.18(0.14)/1.20
472
4.7mH
16.70(12.7)/0.12
680
68uH
0.20(0.16)/1.10
562
5.6mH
18.70(13.7)/0.11
820
82uH
0.24(0.19)/1.00
682
6.8mH
21.80(16.2)/0.10
101
100uH
0.28(0.23)/0.89
822
8.2mH
28.70(21.8)/93m
121
120uH
0.36(0.29)/0.81
103
10mH
33.00(25.7)/84m
151
150uH
0.42(0.35)/0.72
123
12mH
181
180uH
0.57(0.45)/0.66
153
15mH
221
220uH
0.63(0.52)/0.57
183
18mH
271
270uH
0.88(0.71)/0.51
223
22mH
331
330uH
1.05(0.78)/0.46
273
27mH
391
390uH
1.17(0.91)/0.44
333
33mH
471
470uH
1.34(1.04)/0.41
393
39mH
561
560uH
1.72(1.36)/0.36
473
47mH
681
680uH
1.96(1.56)/0.33
Tolerance of Inductance: 10uH-12uH ±20% (M); 15uH-10mH ±10% (K)
Test Frequency:L 10uH-82uH (2.52MHz); 100uH-47mH (1KHz).
This indicates the value of the current when the inductance is 10%lower than it's initial value at D.C.
superimposition or D.C. current when at t=40
,whitchever is lower.(Ta=20
)


Similar Part No. - RCH-470

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-4564NP-163K SUMIDA-RCH-4564NP-163K Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-4564NP-1R5M SUMIDA-RCH-4564NP-1R5M Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-4564NP-220M SUMIDA-RCH-4564NP-220M Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-4564NP-2R2M SUMIDA-RCH-4564NP-2R2M Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
More results

Similar Description - RCH-470

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-855 SUMIDA-RCH-855 Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-109 SUMIDA-RCH-109 Datasheet
179Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH114 SUMIDA-RCH114 Datasheet
69Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH110C SUMIDA-RCH110C Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH1216B SUMIDA-RCH1216B_06 Datasheet
183Kb / 2P
   Power Inductor Pin Type:
RCH-110 SUMIDA-RCH-110 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH-654 SUMIDA-RCH-654 Datasheet
168Kb / 2P
   Power Inductor< Pin Type :RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com