Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3181JRUZ-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3181JRUZ-REEL
Description  5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3181JRUZ-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3181JRUZ-REEL Datasheet HTML 7Page - Analog Devices ADP3181JRUZ-REEL Datasheet HTML 8Page - Analog Devices ADP3181JRUZ-REEL Datasheet HTML 9Page - Analog Devices ADP3181JRUZ-REEL Datasheet HTML 10Page - Analog Devices ADP3181JRUZ-REEL Datasheet HTML 11Page - Analog Devices ADP3181JRUZ-REEL Datasheet HTML 12Page - Analog Devices ADP3181JRUZ-REEL Datasheet HTML 13Page - Analog Devices ADP3181JRUZ-REEL Datasheet HTML 14Page - Analog Devices ADP3181JRUZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADP3181
Rev. A | Page 11 of 24
VOLTAGE CONTROL MODE
A high gain-bandwidth voltage mode error amplifier is used for
the voltage-mode control loop. The control input voltage to the
positive input is set via the VID logic. This voltage is also offset
by the droop voltage for active positioning of the output voltage
as a function of current, commonly known as active voltage
positioning. The output of the amplifier is the COMP pin,
which sets the termination voltage for the internal PWM ramps.
The negative input (FB) is tied to the output sense location with
a resistor RB and is used for sensing and controlling the output
voltage at this point. A current source from the FB pin flowing
through RB is used for setting the no-load offset voltage from
the VID voltage. The no-load voltage is negative with respect to
the VID DAC. The main loop compensation is incorporated in
the feedback network between FB and COMP.
Table 5. VR 10 VID Codes for the ADP3181, CPUID Used As a VID5 Input
VID4
VID3
VID2
VID1
VID0
CPUID
Output
VID4
VID3
VID2
VID1
VID0
CPUID
Output
1
1
1
1
1
1
No CPU
1
1
0
1
0
0
1.2125 V
1
1
1
1
1
0
No CPU
1
1
0
0
1
1
1.2250 V
0
1
0
1
0
0
0.8375 V
1
1
0
0
1
0
1.2375 V
0
1
0
0
1
1
0.8500 V
1
1
0
0
0
1
1.2500 V
0
1
0
0
1
0
0.8625 V
1
1
0
0
0
0
1.2625 V
0
1
0
0
0
1
0.8750 V
1
0
1
1
1
1
1.2750 V
0
1
0
0
0
0
0.8875 V
1
0
1
1
1
0
1.2875 V
0
0
1
1
1
1
0.9000 V
1
0
1
1
0
1
1.3000 V
0
0
1
1
1
0
0.9125 V
1
0
1
1
0
0
1.3125 V
0
0
1
1
0
1
0.9250 V
1
0
1
0
1
1
1.3250 V
0
0
1
1
0
0
0.9375 V
1
0
1
0
1
0
1.3375 V
0
0
1
0
1
1
0.9500 V
1
0
1
0
0
1
1.3500 V
0
0
1
0
1
0
0.9625 V
1
0
1
0
0
0
1.3625 V
0
0
1
0
0
1
0.9750 V
1
0
0
1
1
1
1.3750 V
0
0
1
0
0
0
0.9875 V
1
0
0
1
1
0
1.3875 V
0
0
0
1
1
1
1.0000 V
1
0
0
1
0
1
1.4000 V
0
0
0
1
1
0
1.0125 V
1
0
0
1
0
0
1.4125 V
0
0
0
1
0
1
1.0250 V
1
0
0
0
1
1
1.4250 V
0
0
0
1
0
0
1.0375 V
1
0
0
0
1
0
1.4375 V
0
0
0
0
1
1
1.0500 V
1
0
0
0
0
1
1.4500 V
0
0
0
0
1
0
1.0625 V
1
0
0
0
0
0
1.4625 V
0
0
0
0
0
1
1.0750 V
0
1
1
1
1
1
1.4750 V
0
0
0
0
0
0
1.0875 V
0
1
1
1
1
0
1.4875 V
1
1
1
1
0
1
1.1000 V
0
1
1
1
0
1
1.5000 V
1
1
1
1
0
0
1.1125 V
0
1
1
1
0
0
1.5125 V
1
1
1
0
1
1
1.1250 V
0
1
1
0
1
1
1.5250 V
1
1
1
0
1
0
1.1375 V
0
1
1
0
1
0
1.5375 V
1
1
1
0
0
1
1.1500 V
0
1
1
0
0
1
1.5500 V
1
1
1
0
0
0
1.1625 V
0
1
1
0
0
0
1.5625 V
1
1
0
1
1
1
1.1750 V
0
1
0
1
1
1
1.5750 V
1
1
0
1
1
0
1.1875 V
0
1
0
1
1
0
1.5875 V
1
1
0
1
0
1
1.2000 V
0
1
0
1
0
1
1.6000 V


Similar Part No. - ADP3181JRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3180JRU-REEL AD-ADP3180JRU-REEL Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3180JRU-REEL7 AD-ADP3180JRU-REEL7 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3182 AD-ADP3182 Datasheet
417Kb / 20P
   Adjustable Output 1-/2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3182JRQZ-RL AD-ADP3182JRQZ-RL Datasheet
417Kb / 20P
   Adjustable Output 1-/2-/3-Phase Synchronous Buck Controller
REV. 0
More results

Similar Description - ADP3181JRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
   6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. B
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
   6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3191 AD-ADP3191 Datasheet
842Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3166 AD-ADP3166 Datasheet
351Kb / 20P
   5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3186 AD-ADP3186 Datasheet
618Kb / 24P
   5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3197 AD-ADP3197 Datasheet
689Kb / 32P
   6-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com