Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C513-20 Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C513-20
Description  5V/3.3V 32Kx6 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C513-20 Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C513-20 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C513-20 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C513-20 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C513-20 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C513-20 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C513-20 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C513-20 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C513-20 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C513-20 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
®
AS7C513
AS7C3513
3/23/01; v.1.0
Alliance Semiconductor
P. 5 of 10
Write cycle (over the operating range)11
Shaded areas indicate advance information.
Write waveform 1(WE controlled)10,11
Write waveform 2 (CE controlled)10,11
Parameter
Symbol
-12
-15
-20
Unit
Notes
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
12
15
20
ns
Chip enable (CE) to write end
tCW
9
10
12
ns
Address setup to write end
tAW
8
10
12
ns
Address setup time
tAS
0–
0–
0
ns
Write pulse width
tWP
8
10
12
ns
Address hold from end of write
tAH
0–
0–
0
ns
Data valid to write end
tDW
6–
8–
10
ns
Data hold time
tDH
0–
0–
0
ns
5
Write enable to output in high Z
tWZ
–6
–7
–9
ns
4, 5
Output active from write end
tOW
3–
3–
3
ns
4, 5
Byte select Low to end of write
tBW
8–
9–
12
ns
Address
LB, UB
WE
Data IN
Data OUT
tWC
tBW
tAW
tAS
tWP
tDW
tDH
tOW
tWZ
Data undefined
High-Z
Data valid
Address
CE
LB, UB
WE
Data IN
tWC
tCW
tBW
tWP
tDW
tDH
tOW
tWZ
tAH
Data OUT
Data undefined
High-Z
High-Z
tAS
tAW
Data valid
tCLZ


Similar Part No. - AS7C513-20

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C513B-10JC ALSC-AS7C513B-10JC Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C513B-10JI ALSC-AS7C513B-10JI Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C513B-10TC ALSC-AS7C513B-10TC Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C513B-10TI ALSC-AS7C513B-10TI Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
More results

Similar Description - AS7C513-20

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
Golledge Electronics Lt...
GXO-U108 GOLLEDGE-GXO-U108_16 Datasheet
178Kb / 2P
   3.3V & 5V CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com