Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21366SKBCZENG Datasheet(PDF) 8 Page - Analog Devices

Part # ADSP-21366SKBCZENG
Description  SHARC Processor
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21366SKBCZENG Datasheet(HTML) 8 Page - Analog Devices

Back Button ADSP-21366SKBCZENG Datasheet HTML 4Page - Analog Devices ADSP-21366SKBCZENG Datasheet HTML 5Page - Analog Devices ADSP-21366SKBCZENG Datasheet HTML 6Page - Analog Devices ADSP-21366SKBCZENG Datasheet HTML 7Page - Analog Devices ADSP-21366SKBCZENG Datasheet HTML 8Page - Analog Devices ADSP-21366SKBCZENG Datasheet HTML 9Page - Analog Devices ADSP-21366SKBCZENG Datasheet HTML 10Page - Analog Devices ADSP-21366SKBCZENG Datasheet HTML 11Page - Analog Devices ADSP-21366SKBCZENG Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Rev. PrA
|
Page 8 of 54
|
September 2004
ADSP-21365/6
Preliminary Technical Data
Timers
The ADSP-21365/6 has a total of four timers: a core timer that
can generate periodic software interrupts and three general pur-
pose timers that can generate periodic interrupts and be
independently set to operate in one of three modes:
• Pulse Waveform Generation mode
• Pulse Width Count /Capture mode
• External Event Watchdog mode
The core timer can be configured to use FLAG3 as a Timer
Expired signal, and each general purpose timer has one bidirec-
tional pin and four registers that implement its mode of
operation: a 6-bit configuration register, a 32-bit count register,
a 32-bit period register, and a 32-bit pulse width register. A sin-
gle control and status register enables or disables all three
general purpose timers independently.
ROM Based Security
The ADSP-21365/6 has a ROM security feature that provides
hardware support for securing user software code by preventing
unauthorized reading from the internal code when enabled.
When using this feature, the processor does not boot-load any
external code, executing exclusively from internal SRAM/ROM.
Additionally, the processor is not freely accessible via the JTAG
port. Instead, a unique 64-bit key, which must be scanned in
through the JTAG or Test Access Port will be assigned to each
customer. The device will ignore a wrong key. Emulation fea-
tures and external boot modes are only available after the
correct key is scanned.
Program Booting
The internal memory of the ADSP-21365/6 boots at system
power-up from an 8-bit EPROM via the parallel port, an SPI
master, an SPI slave or an internal boot. Booting is determined
by the Boot Configuration (BOOTCFG1–0) pins (see Table 6 on
page 14). Selection of the boot source is controlled via the SPI as
either a master or slave device, or it can immediately begin exe-
cuting from ROM.
Phase-Locked Loop
The ADSP-21365/6 uses an on-chip Phase-Locked Loop (PLL)
to generate the internal clock for the core. On power up, the
CLKCFG1–0 pins are used to select ratios of 32:1, 16:1, and 6:1
(see Table 7 on page 14). After booting, numerous other ratios
can be selected via software control.
The ratios are made up of software configurable numerator val-
ues from 1 to 64 and software configurable divisor values of 1, 2,
4, and 8.
Power Supplies
The ADSP-21365/6 has separate power supply connections for
the internal (VDDINT), external (VDDEXT), and analog
(AVDD/AVSS) power supplies. The internal and analog supplies
must meet the 1.2V requirement. The external supply must
meet the 3.3V requirement. All external supply pins must be
connected to the same power supply.
Note that the analog supply (AVDD) powers the ADSP-21365/6’s
clock generator PLL. To produce a stable clock, programs
should provide an external circuit to filter the power input to
the AVDD pin. Place the filter as close as possible to the pin. For
an example circuit, see Figure 4. To prevent noise coupling, use
a wide trace for the analog ground (AVSS) signal and install a
decoupling capacitor as close as possible to the pin. Note that
the AVSS and AVDD pins specified in Figure 4 are inputs to the
processor and not the analog ground plane on the board. For
more information, see Electrical Characteristics on page 15.
Target Board JTAG Emulator Connector
Analog Devices DSP Tools product line of JTAG emulators uses
the IEEE 1149.1 JTAG test access port of the ADSP-21365/6
processor to monitor and control the target board processor
during emulation. Analog Devices DSP Tools product line of
JTAG emulators provides emulation at full processor speed,
allowing inspection and modification of memory, registers, and
processor stacks. The processor's JTAG interface ensures that
the emulator will not affect target system loading or timing.
For complete information on Analog Devices’ SHARC DSP
Tools product line of JTAG emulator operation, see the appro-
priate “Emulator Hardware User's Guide”.
DEVELOPMENT TOOLS
The ADSP-21365/6 is supported with a complete set of
CROSSCORE® software and hardware development tools,
including Analog Devices emulators and VisualDSP++® devel-
opment environment. The same emulator hardware that
supports other SHARC processors also fully emulates the
ADSP-21365/6.
The VisualDSP++ project management environment lets pro-
grammers develop and debug an application. This environment
includes an easy to use assembler (which is based on an alge-
braic syntax), an archiver (librarian/library builder), a linker, a
loader, a cycle-accurate instruction-level simulator, a C/C++
compiler, and a C/C++ runtime library that includes DSP and
mathematical functions. A key point for these tools is C/C++
code efficiency. The compiler has been developed for efficient
translation of C/C++ code to DSP assembly. The SHARC has
architectural features that improve the efficiency of compiled
C/C++ code.
The VisualDSP++ debugger has a number of important fea-
tures. Data visualization is enhanced by a plotting package that
offers a significant level of flexibility. This graphical representa-
tion of user data enables the programmer to quickly determine
the performance of an algorithm. As algorithms grow in com-
plexity, this capability can have increasing significance on the
Figure 4. Analog Power (AVDD) Filter Circuit
VDDINT
AVDD
AVSS
0.01 F
0.1 F
10


Similar Part No. - ADSP-21366SKBCZENG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21366 AD-ADSP-21366 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21366BBC-1AA AD-ADSP-21366BBC-1AA Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21366BBCZ-1AA AD-ADSP-21366BBCZ-1AA Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21366KBC-1AA AD-ADSP-21366KBC-1AA Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21366KBCZ-1AA AD-ADSP-21366KBCZ-1AA Datasheet
2Mb / 52P
   SHARC Processor
REV. A
More results

Similar Description - ADSP-21366SKBCZENG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21060KS-160 AD-ADSP-21060KS-160 Datasheet
817Kb / 64P
   SHARC Processor
Rev. F
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21364 AD-ADSP-21364 Datasheet
853Kb / 52P
   SHARC Processor
Rev. PrB
ADSP-21375 AD-ADSP-21375 Datasheet
1Mb / 42P
   SHARC Processor
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com