Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTQS3VH384PA Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDTQS3VH384PA
Description  QUICKSWITCH PRODUCTS 2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS3VH384PA Datasheet(HTML) 7 Page - Integrated Device Technology

  IDTQS3VH384PA Datasheet HTML 1Page - Integrated Device Technology IDTQS3VH384PA Datasheet HTML 2Page - Integrated Device Technology IDTQS3VH384PA Datasheet HTML 3Page - Integrated Device Technology IDTQS3VH384PA Datasheet HTML 4Page - Integrated Device Technology IDTQS3VH384PA Datasheet HTML 5Page - Integrated Device Technology IDTQS3VH384PA Datasheet HTML 6Page - Integrated Device Technology IDTQS3VH384PA Datasheet HTML 7Page - Integrated Device Technology IDTQS3VH384PA Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
INDUSTRIALTEMPERATURERANGE
IDTQS3VH384
2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH
Open
VLOAD
GND
VCC
Pulse
Generator
D.U.T.
500Ω
500Ω
CL
RT
VIN
VOUT
(1, 2)
SAM E PH ASE
IN PU T TRANSITION
O PPOSITE PH ASE
IN PUT TR AN SITION
0V
0V
VOH
VOL
tPLH
tPHL
tPHL
tPLH
OU TPUT
VIH
VT
VT
VIH
VT
CONTRO L
IN PU T
tPLZ
0V
OUTPUT
NORMALLY
LOW
tPZH
0V
SW ITCH
CLO SED
OUTPU T
NORMALLY
HIGH
EN ABLE
D ISABLE
SW ITCH
OPEN
tPHZ
0V
V OL + VLZ
V OH
VT
VT
tPZL
VLOAD/2
VLO AD/2
VIH
V T
V OL
V OH -V HZ
TEST CIRCUITS AND WAVEFORMS
TEST CONDITIONS
Symbol
VCC(1)= 3.3V ± 0.3V
VCC(2)= 2.5V ± 0.2V
Unit
VLOAD
6
2 x Vcc
V
VIH
3
Vcc
V
VT
1.5
VCC/2
V
VLZ
300
150
mV
VHZ
300
150
mV
CL
50
30
pF
NOTE:
1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
NOTES:
1. Pulse Generator for All Pulses: Rate
≤ 10MHz; tF ≤ 2.5ns; tR ≤ 2.5ns.
2. Pulse Generator for All Pulses: Rate
≤ 10MHz; tF ≤ 2ns; tR ≤ 2ns.
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
SWITCH POSITION
Test
Switch
tPLZ/tPZL
VLOAD
tPHZ/tPZH
GND
tPD
Open
Propagation Delay
Test Circuits for All Outputs
Enable and Disable Times


Similar Part No. - IDTQS3VH384PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH384 IDT-IDTQS3VH384 Datasheet
280Kb / 8P
   2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH384 RENESAS-IDTQS3VH384 Datasheet
447Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH
SEPTEMBER 2008
logo
Integrated Device Techn...
IDTQS3VH384 IDT-IDTQS3VH384_08 Datasheet
280Kb / 8P
   2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - IDTQS3VH384PA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTQS3VH384 RENESAS-IDTQS3VH384 Datasheet
447Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH
SEPTEMBER 2008
logo
Integrated Device Techn...
IDTQS3VH16245 IDT-IDTQS3VH16245 Datasheet
71Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH2245 IDT-IDTQS3VH2245 Datasheet
65Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH244 IDT-IDTQS3VH244_14 Datasheet
279Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH245 IDT-IDTQS3VH245 Datasheet
69Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
QS3VH245PAG IDT-QS3VH245PAG Datasheet
277Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16211 IDT-IDTQS3VH16211 Datasheet
63Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH384 IDT-IDTQS32XVH384 Datasheet
74Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V/3.3V 20-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16244 IDT-IDTQS3VH16244 Datasheet
82Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS34XVH245 IDT-IDTQS34XVH245 Datasheet
77Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com