Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW03N120H2 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IKW03N120H2
Description  HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW03N120H2 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IKW03N120H2 Datasheet HTML 5Page - Infineon Technologies AG IKW03N120H2 Datasheet HTML 6Page - Infineon Technologies AG IKW03N120H2 Datasheet HTML 7Page - Infineon Technologies AG IKW03N120H2 Datasheet HTML 8Page - Infineon Technologies AG IKW03N120H2 Datasheet HTML 9Page - Infineon Technologies AG IKW03N120H2 Datasheet HTML 10Page - Infineon Technologies AG IKW03N120H2 Datasheet HTML 11Page - Infineon Technologies AG IKW03N120H2 Datasheet HTML 12Page - Infineon Technologies AG IKW03N120H2 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
IKP03N120H2,
IKB03N120H2
IKW03N120H2
Power Semiconductors
9
Rev. 2, Mar-04
1µs
10µs
100µs
1ms
10ms
100ms
10
-2K/W
10
-1K/W
10
0K/W
0.01
0.02
0.05
0.1
0.2
single pulse
D
=0.5
0nC
10nC
20nC
30nC
0V
5V
10V
15V
20V
U
CE=240V
U
CE=960V
QGE, GATE CHARGE
QGE, GATE CHARGE
Figure 17. Typical gate charge
(IC = 3A)
Figure 17. Typical gate charge
(IC = 3A)
0V
10V
20V
30V
10pF
100pF
1nF
C
rss
C
oss
C
iss
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0V
200V
400V
600V
800V
1000V
0A
1A
2A
3A
VCE, COLLECTOR-EMITTER VOLTAGE
tp, PULSE WIDTH
Figure 18. Typical capacitance as a
function of collector-emitter voltage
(VGE = 0V, f = 1MHz)
Figure 20. Typical turn off behavior, hard
switching
(VGE=15/0V, RG=82Ω, Tj = 150
°C,
Dynamic test circuit in Figure E)
R
,( K / W )
τ , (s)
1.082517
0.000795
0.328671
0.000179
0.588811
0.004631
C1=
τ1/R1
R1
R2
C2=
τ2/R2


Similar Part No. - IKW03N120H2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW03N120H2 INFINEON-IKW03N120H2 Datasheet
381Kb / 15P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.5 Sept. 08
More results

Similar Description - IKW03N120H2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKA03N120H2 INFINEON-IKA03N120H2 Datasheet
335Kb / 14P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Mar-04, Rev. 2
IKP03N120H2 INFINEON-IKP03N120H2_08 Datasheet
381Kb / 15P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.5 Sept. 08
IKB01N120H2 INFINEON-IKB01N120H2 Datasheet
385Kb / 14P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 May 06
IKP01N120H2 INFINEON-IKP01N120H2 Datasheet
387Kb / 14P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 May 06
IKA10N60T INFINEON-IKA10N60T Datasheet
368Kb / 13P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IHW40T120 INFINEON-IHW40T120 Datasheet
354Kb / 14P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Mar-04
IKB15N60T INFINEON-IKB15N60T Datasheet
398Kb / 13P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKP20N60T INFINEON-IKP20N60T Datasheet
435Kb / 15P
   IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IHW15T120 INFINEON-IHW15T120 Datasheet
339Kb / 14P
   IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Rev. 2.3 Sep 08
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com