Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S280832B-TCL80 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K4S280832B-TCL80
Description  4M x 8Bit x 4 Banks Sychronous DRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S280832B-TCL80 Datasheet(HTML) 3 Page - Samsung semiconductor

  K4S280832B-TCL80 Datasheet HTML 1Page - Samsung semiconductor K4S280832B-TCL80 Datasheet HTML 2Page - Samsung semiconductor K4S280832B-TCL80 Datasheet HTML 3Page - Samsung semiconductor K4S280832B-TCL80 Datasheet HTML 4Page - Samsung semiconductor K4S280832B-TCL80 Datasheet HTML 5Page - Samsung semiconductor K4S280832B-TCL80 Datasheet HTML 6Page - Samsung semiconductor K4S280832B-TCL80 Datasheet HTML 7Page - Samsung semiconductor K4S280832B-TCL80 Datasheet HTML 8Page - Samsung semiconductor K4S280832B-TCL80 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
K4S280832B
CMOS SDRAM
Rev. 0.0 Aug. 1999
VDD
DQ0
VDDQ
N.C
DQ1
VSSQ
N.C
DQ2
VDDQ
N.C
DQ3
VSSQ
N.C
VDD
N.C
WE
CAS
RAS
CS
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
PIN CONFIGURATION (Top view)
VSS
DQ7
VSSQ
N.C
DQ6
VDDQ
N.C
DQ5
VSSQ
N.C
DQ4
VDDQ
N.C
VSS
N.C/RFU
DQM
CLK
CKE
N.C
A11
A9
A8
A7
A6
A5
A4
VSS
54Pin TSOP (II)
(400mil x 875mil)
(0.8 mm Pin pitch)
PIN FUNCTION DESCRIPTION
Pin
Name
Input Function
CLK
System clock
Active on the positive going edge to sample all inputs.
CS
Chip select
Disables or enables device operation by masking or enabling all inputs except
CLK, CKE and DQM
CKE
Clock enable
Masks system clock to freeze operation from the next clock cycle.
CKE should be enabled at least one cycle prior to new command.
Disable input buffers for power down in standby.
A0 ~ A11
Address
Row/column addresses are multiplexed on the same pins.
Row address : RA0 ~ RA11, Column address : CA0 ~ CA9
BA0 ~ BA1
Bank select address
Selects bank to be activated during row address latch time.
Selects bank for read/write during column address latch time.
RAS
Row address strobe
Latches row addresses on the positive going edge of the CLK with RAS low.
Enables row access & precharge.
CAS
Column address strobe
Latches column addresses on the positive going edge of the CLK with CAS low.
Enables column access.
WE
Write enable
Enables write operation and row precharge.
Latches data in starting from CAS, WE active.
DQM
Data input/output mask
Makes data output Hi-Z, tSHZ after the clock and masks the output.
Blocks data input when DQM active.
DQ0 ~ 7
Data input/output
Data inputs/outputs are multiplexed on the same pins.
VDD/VSS
Power supply/ground
Power and ground for the input buffers and the core logic.
VDDQ/VSSQ
Data output power/ground
Isolated power supply and ground for the output buffers to provide improved noise
immunity.
N.C/RFU
No connection
/reserved for future use
This pin is recommended to be left No Connection on the device.


Similar Part No. - K4S280832B-TCL80

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S280832A SAMSUNG-K4S280832A Datasheet
108Kb / 10P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832A-TC/L10 SAMSUNG-K4S280832A-TC/L10 Datasheet
108Kb / 10P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832A-TC/L1H SAMSUNG-K4S280832A-TC/L1H Datasheet
108Kb / 10P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832A-TC/L1L SAMSUNG-K4S280832A-TC/L1L Datasheet
108Kb / 10P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832A-TC/L75 SAMSUNG-K4S280832A-TC/L75 Datasheet
108Kb / 10P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
More results

Similar Description - K4S280832B-TCL80

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM48S16030 SAMSUNG-KM48S16030 Datasheet
116Kb / 10P
   4M x 8Bit x 4 Banks Synchronous DRAM
K4S280832D SAMSUNG-K4S280832D Datasheet
111Kb / 11P
   128Mbit SDRAM (4M x 8Bit x 4 Banks Synchronous DRAM)
KM48S16030A SAMSUNG-KM48S16030A Datasheet
150Kb / 11P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
KM48S16030B SAMSUNG-KM48S16030B Datasheet
133Kb / 11P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832A SAMSUNG-K4S280832A Datasheet
108Kb / 10P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832M SAMSUNG-K4S280832M Datasheet
126Kb / 10P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832C SAMSUNG-K4S280832C Datasheet
112Kb / 11P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
logo
Hynix Semiconductor
HY57V64820HG HYNIX-HY57V64820HG Datasheet
134Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
HY57V56820B HYNIX-HY57V56820B Datasheet
151Kb / 12P
   4 Banks x 8M x 8Bit Synchronous DRAM
HY57V658020B HYNIX-HY57V658020B Datasheet
146Kb / 12P
   4 Banks x 2M x 8Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com