Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2950CZ-3.3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LP2950CZ-3.3
Description  Micropower Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2950CZ-3.3 Datasheet(HTML) 2 Page - ON Semiconductor

  LP2950CZ-3.3 Datasheet HTML 1Page - ON Semiconductor LP2950CZ-3.3 Datasheet HTML 2Page - ON Semiconductor LP2950CZ-3.3 Datasheet HTML 3Page - ON Semiconductor LP2950CZ-3.3 Datasheet HTML 4Page - ON Semiconductor LP2950CZ-3.3 Datasheet HTML 5Page - ON Semiconductor LP2950CZ-3.3 Datasheet HTML 6Page - ON Semiconductor LP2950CZ-3.3 Datasheet HTML 7Page - ON Semiconductor LP2950CZ-3.3 Datasheet HTML 8Page - ON Semiconductor LP2950CZ-3.3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LP2950
http://onsemi.com
2
DEVICE INFORMATION
Output Voltage
Operating Junction
Package
3.0V
3.3V
5.0V
Adjustable
Operating Junction
Temperature Range
TO–92
Suffix Z
LP2950CZ–3.0
LP2950ACZ–3.0
LP2950CZ–3.3
LP2950ACZ–3.3
LP2950CZ–5.0
LP2950ACZ–5.0
Not
Available
TJ = –40° to +125°C
DPAK
Suffix DT
LP2950CDT–3.0
LP2950ACDT–3.0
LP2950CDT–3.3
LP2950ACDT–3.3
LP2950CDT–5.0
LP2950ACDT–5.0
Not
Available
TJ = –40° to +125°C
SO–8
Suffix D
LP2951CD–3.0
LP2951ACD–3.0
LP2951CD–3.3
LP2951ACD–3.3
LP2951CD
LP2951ACD
LP2951CD
LP2951ACD
TJ = –40° to +125°C
Micro–8
Suffix DM
LP2951CDM–3.0
LP2951ACDM–3.0
LP2951CDM–3.3
LP2951ACDM–3.3
LP2951CDM
LP2951ACDM
LP2951CDM
LP2951ACDM
TJ = –40° to +125°C
DIP–8
Suffix N
LP2951CN–3.0
LP2951ACN–3.0
LP2951CN–3.3
LP2951ACN–3.3
LP2951CN
LP2951ACN
LP2951CN
LP2951ACN
TJ = –40° to +125°C
LP2950Cx–xx / LP2951Cxx–xx
1% Output Voltage Precision at TJ = 25°C
LP2950ACx–xx / LP2951ACxx–xx
0.5% Output Voltage Precision at TJ = 25°C
From
CMOS/TTL
3
Representative Block Diagrams
This device contains 34 active transistors.
LP2950CZ–5.0
Battery or
Unregulated DC
Gnd
2
Output
5.0 V/100 mA
1
Input
3
1.23 V
Reference
Error Amplifier
182 k
60 k
1.0
µF
Gnd
4
182 k
60 k
1.23 V
Reference
1.0
µF
LP2951CD or CN
Error
Amplifier
Battery or
Unregulated DC
Shutdown
Error
Output
5
VO Tap
Feedback
6
7
Input
8
Output
1
Sense
2
5.0 V/100 mA
330 k
To CMOS/TTL
75 mV/
60 mV
Error Detection
Comparator
50 k
60 k


Similar Part No. - LP2950CZ-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2950CZ-3.3 NSC-LP2950CZ-3.3 Datasheet
1Mb / 26P
   Series of Adjustable Micropower Voltage Regulators
logo
ON Semiconductor
LP2950CZ-3.3 ONSEMI-LP2950CZ-3.3 Datasheet
194Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
December, 2006 ??Rev. 19
logo
Texas Instruments
LP2950CZ-3.3 TI1-LP2950CZ-3.3 Datasheet
657Kb / 30P
[Old version datasheet]   Series of Adjustable Micropower Voltage Regulators
logo
ON Semiconductor
LP2950CZ-3.3 ONSEMI-LP2950CZ-3.3 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2950CZ-3.3 ONSEMI-LP2950CZ-3.3 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
More results

Similar Description - LP2950CZ-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2951JAN TI1-LP2951JAN Datasheet
494Kb / 24P
[Old version datasheet]   Adjustable Micropower Voltage Regulators
logo
National Semiconductor ...
LP4950C-5V NSC-LP4950C-5V_05 Datasheet
850Kb / 14P
   Adjustable Micropower Voltage Regulators
LP2951 NSC-LP2951 Datasheet
271Kb / 16P
   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
LP4950C-5V NSC-LP4950C-5V Datasheet
436Kb / 14P
   Adjustable Micropower Voltage Regulators
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
LP2951-50QDRGRQ1 TI1-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
LP2951-33-Q1 TI1-LP2951-33-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   Adjustable Micropower Voltage Regulators With Shutdown
logo
Motorola, Inc
MC78FC00 MOTOROLA-MC78FC00 Datasheet
90Kb / 4P
   MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com