Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9176EUB Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9176EUB
Description  670MHz LVDS-to-LVDS and Anything-to-LVDS 2:1 Multiplexers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9176EUB Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9176EUB Datasheet HTML 1Page - Maxim Integrated Products MAX9176EUB Datasheet HTML 2Page - Maxim Integrated Products MAX9176EUB Datasheet HTML 3Page - Maxim Integrated Products MAX9176EUB Datasheet HTML 4Page - Maxim Integrated Products MAX9176EUB Datasheet HTML 5Page - Maxim Integrated Products MAX9176EUB Datasheet HTML 6Page - Maxim Integrated Products MAX9176EUB Datasheet HTML 7Page - Maxim Integrated Products MAX9176EUB Datasheet HTML 8Page - Maxim Integrated Products MAX9176EUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
670MHz LVDS-to-LVDS and
Anything-to-LVDS 2:1 Multiplexers
4
_______________________________________________________________________________________
Note 1: Current into a pin is defined as positive. Current out of a pin is defined as negative. All voltages are referenced to ground
except VTH, VTL, VID, VOD, and
∆VOD.
Note 2: Maximum and minimum limits over temperature are guaranteed by design and characterization. Devices are 100% tested
at TA = +25°C.
Note 3: Tolerance on all external resistors (including figures) is ±1%.
Note 4: Guaranteed by design and characterization.
Note 5: AC parameters are guaranteed by design and characterization and not production tested. Limits are set at
±6 sigma.
Note 6: CL includes scope probe and test jig capacitance.
Note 7: Pulse-generator output for differential inputs IN_+, IN_- (unless otherwise noted): f = 670MHz, 50% duty cycle, RO = 50
Ω,
tR = 500ps, and tF = 500ps (0% to 100%). Pulse-generator output for single-ended inputs PD, SEL: tR = tF = 1.5ns (0.2VCC
to 0.8VCC), 50% duty cycle, VOH = VCC + 1.0V settling to VCC, VOL = -1.0V settling to zero.
Note 8: Pulse-generator output for tDJ: VOD = 0.15V, VOS = 1.25V, bit rate = 800Mbps, 223 - 1 PRBS, RO = 50
Ω, tR = 500ps, and tF
= 500ps (0% to 100%).
Note 9: tSKPP1 is the magnitude of the difference of any differential propagation delays between devices operating under identical
conditions.
Note 10: tSKPP2 is the magnitude of the difference of any differential propagation delays between devices operating over rated
conditions.
Note 11: Meets all AC specifications.
Note 12: Input jitter subtracted from output jitter.
AC ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 3.6V, RL = 100
Ω, CL = 5pF, differential input voltage |VID| = 0.15V to 1.2V, MAX9176 input common-mode voltage
VCM = |VID/2| to 2.4V - |VID/2|, MAX9177 input common-mode voltage VCM = |VID/2| to VCC - |VID/2|, TA = -40°C to +85°C, unless oth-
erwise noted. Typical values are at VCC = 3.3V,
|VID| = 0.2V, VCM = 1.25V, TA = +25°C.) (Notes 5, 6, 7)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIFFERENTIAL INPUTS (IN_+, IN_-)
High-to-Low Propagation Delay
tPHL
Figures 4, 5
1.33
2.46
3.23
ns
Low-to-High Propagation Delay
tPLH
Figures 4, 5
1.33
2.49
3.31
ns
Added Deterministic Jitter
tDJ
Figures 4, 5 (Notes 8, 12)
68
80
ps(P-P)
Added Random Jitter
tRJ
Figures 4, 5 (Note 12)
0.7
1.0
ps(RMS)
Pulse Skew
 tPLH - tPHL
tSKP
Figures 4, 5
27
142
ps
tSKPP1
Figures 4, 5 (Note 9)
0.4
1.3
Part-to-Part Skew
tSKPP2
Figures 4, 5 (Note 10)
2.0
ns
Rise Time
tR
Figures 4, 5
217
320
383
ps
Fall Time
tF
Figures 4, 5
157
340
360
ps
Select to Out Delay
tPSO
Figure 6
2.0
2.7
ns
Power-Down Time
tPD
Figures 7, 8
6.0
ns
Power-Up Time
tPU
Figures 7, 8
35
µs
Maximum Data Rate
DRMAX
Figures 4, 5,
VOD ≥ 250mV (Note 11)
800
Mbps
Maximum Switching Frequency
fMAX
Figures 4, 5,
VOD ≥ 250mV (Note 11)
670
MHz
fIN = 670MHz
38
58
Switching Supply Current
ICCSW
fIN = 155MHz
26
47
mA
PRBS Supply Current
ICCPR
DR = 800Mbps, 2
23 - 1 PRBS input
27
49
mA


Similar Part No. - MAX9176EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX917 MAXIM-MAX917 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9170ESE MAXIM-MAX9170ESE Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
MAX9170EUE MAXIM-MAX9170EUE Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
More results

Similar Description - MAX9176EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9174 MAXIM-MAX9174 Datasheet
268Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 1:2 Splitters
Rev 0; 4/03
MAX9376 MAXIM-MAX9376 Datasheet
151Kb / 7P
   LVDS/Anything-to-LVPECL/LVDS Dual Translator
Rev 0; 4/03
MAX9376 MAXIM-MAX9376_09 Datasheet
110Kb / 8P
   LVDS/Anything-to-LVPECL/LVDS Dual Translator
Rev 1; 10/09
MAX9390 MAXIM-MAX9390 Datasheet
372Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
MAX9375 MAXIM-MAX9375 Datasheet
135Kb / 6P
   Single LVDS/Anything-to-LVPECL Translator
Rev 0; 4/03
MAX9392 MAXIM-MAX9392 Datasheet
370Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 0; 8/03
MAX9390 MAXIM-MAX9390_07 Datasheet
180Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 2; 5/07
MAX9392 MAXIM-MAX9392_07 Datasheet
183Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 1; 5/07
logo
Integrated Device Techn...
ICS854S01I IDT-ICS854S01I Datasheet
300Kb / 17P
   2:1 Differential-to-LVDS Multiplexer
logo
Renesas Technology Corp
854S01I RENESAS-854S01I Datasheet
654Kb / 16P
   2:1 Differential-to-LVDS Multiplexer
September 29, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com