Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8504ETC Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX8504ETC
Description  PWM Buck Converters with Bypass FET for N-CDMA/W-CDMA Handsets
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8504ETC Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX8504ETC Datasheet HTML 6Page - Maxim Integrated Products MAX8504ETC Datasheet HTML 7Page - Maxim Integrated Products MAX8504ETC Datasheet HTML 8Page - Maxim Integrated Products MAX8504ETC Datasheet HTML 9Page - Maxim Integrated Products MAX8504ETC Datasheet HTML 10Page - Maxim Integrated Products MAX8504ETC Datasheet HTML 11Page - Maxim Integrated Products MAX8504ETC Datasheet HTML 12Page - Maxim Integrated Products MAX8504ETC Datasheet HTML 13Page - Maxim Integrated Products MAX8504ETC Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PWM Buck Converters with Bypass FET
for N-CDMA/W-CDMA Handsets
______________________________________________________________________________________
11
Input Capacitor Selection
Capacitor ESR is a major contributor to input ripple in
high-frequency DC-to-DC converters. Ordinary
aluminum electrolytic capacitors have high ESR and
should be avoided. Low-ESR tantalum capacitors or
polymer capacitors are better and provide a compact
solution for space-constrained surface-mount designs.
Ceramic capacitors have the lowest ESR overall.
The input filter capacitor reduces peak currents and
noise at the input voltage source. Connect a low-ESR
bulk capacitor (
≥10µF typ) to the input. Select this bulk
capacitor to meet the input ripple requirements and
voltage rating rather than capacitance value. Use the
following equation to calculate the maximum RMS input
current:
Compensation, Stability, and Output
Capacitor
The MAX8500–MAX8504 are externally compensated
by placing a resistor and a capacitor (see Figures 1
and 2, RC and CC) in series from COMP to GND. An
additional capacitor (Cf) may be required from COMP
to GND if high-ESR output capacitors are used. The
capacitor integrates the current from the transconduc-
tance amplifier, averaging output capacitor ripple. This
sets the device speed for transient response and
allows the use of small ceramic output capacitors
because the phase-shifted capacitor ripple does not
disturb the current-regulation loop. The resistor sets
the proportional gain of the output error voltage by a
factor gm RC. Increasing this resistor also increases
the sensitivity of the control loop to output ripple.
The resistor and capacitor set a compensation zero that
defines the system’s transient response. The load cre-
ates a dynamic pole, shifting in frequency with changes
in load. As the load decreases, the pole frequency shifts
to the left. System stability requires that the compensa-
tion zero must be placed to ensure adequate phase
margin (at least 30° at unity gain). See Figures 1 and 2
for RC and CC recommended values.
Inductor Selection
A 4µH to 6µH inductor is recommended for most appli-
cations. For best efficiency, the inductor’s DC resis-
tance should be <400m
Ω. Saturation current (ISAT)
should be greater than the maximum DC load at the
PA’s supply plus half the inductor current ripple. Two-
step VCC applications typically require very small
inductors with ISAT in the 200mA to 300mA region. See
Table 1 and Table 2 for recommended inductors and
manufacturers.
PC Board Layout and Routing
High switching frequencies and large peak currents
make PC board layout a very important part of design.
Good design minimizes EMI, noise on the feedback
paths, and voltage gradients in the ground plane, all of
which can result in instability or regulation errors.
Connect the inductor, input filter capacitor, and output
filter capacitor as close together as possible and keep
their traces short, direct, and wide. Connect their
ground pins at a single common node in a star ground
configuration. The external voltage-feedback network
should be very close to the FB pin, within 0.2in (5mm).
Keep noisy traces, such as those from the LX pin, away
from the voltage-feedback network. Position the bypass
capacitors as close as possible to their respective pins
to minimize noise coupling. For optimum performance,
place input and output capacitors as close to the
device as possible. Connect GND and PGND directly
under the IC to the exposed paddle. The MAX8504
evaluation kit manual illustrates an example PC board
layout and routing scheme.
Chip Information
TRANSISTOR COUNT: 2530
PROCESS: BiCMOS
I
I
V
VV
V
RMS
OUT
IN
OUT
IN
OUT
×
()
-


Similar Part No. - MAX8504ETC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX850 MAXIM-MAX850 Datasheet
118Kb / 8P
   Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias
Rev 2; 4/96
MAX850-MAX853 MAXIM-MAX850-MAX853 Datasheet
118Kb / 8P
   Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias
Rev 2; 4/96
MAX8505 MAXIM-MAX8505 Datasheet
245Kb / 15P
   3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
Rev 0; 10/03
MAX8505EEE MAXIM-MAX8505EEE Datasheet
245Kb / 15P
   3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
Rev 0; 10/03
MAX8505EEE++ MAXIM-MAX8505EEE+ Datasheet
220Kb / 15P
   3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
2010
More results

Similar Description - MAX8504ETC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8506 MAXIM-MAX8506 Datasheet
356Kb / 11P
   PWM Step-Down DC-DC Converters with 75m Bypass FET for WCDMA and cdmaOne Handsets
Rev 1; 1/04
logo
National Semiconductor ...
LP3939 NSC-LP3939 Datasheet
116Kb / 7P
   Power Amplifier Driver For Dual Band CDMA Handsets
logo
RFHIC
AP410 RFHIC-AP410_14 Datasheet
240Kb / 8P
   CDMA, W-CDMA Medium Power Amplifier
logo
RF Micro Devices
RF2638 RFMD-RF2638 Datasheet
152Kb / 10P
   W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
logo
Kyocera Kinseki Corpota...
LSFB54-380-004M0 KSS-LSFB54-380-004M0 Datasheet
128Kb / 1P
   W-CDMA-IF
LSFB54-190-004M0 KSS-LSFB54-190-004M0 Datasheet
151Kb / 1P
   W-CDMA-IF
logo
Maxim Integrated Produc...
MAX1958 MAXIM-MAX1958 Datasheet
799Kb / 24P
   W-CDMA/N-CDMA Cellular Phone HBT PA Management ICs
Rev 0; 10/02
logo
RF Micro Devices
RF2638 RFMD-RF2638_06 Datasheet
170Kb / 10P
   W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
logo
EPCOS
B7699 EPCOS-B7699 Datasheet
132Kb / 14P
   SAW Duplexer for W-CDMA Band IV / CDMA 1x AWS Band
B39881B7654P810 EPCOS-B39881B7654P810 Datasheet
254Kb / 13P
   SAW Duplexer W-CDMA Band 5 / CDMA 800
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com