Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M51016RT-12VLL Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M5M51016RT-12VLL
Description  1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M51016RT-12VLL Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M5M51016RT-12VLL Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M51016RT-12VLL Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M51016RT-12VLL Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M51016RT-12VLL Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M51016RT-12VLL Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M51016RT-12VLL Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M51016RT-12VLL Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MITSUBISHI LSIs
1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
MITSUBISHI
ELECTRIC
M5M51016BTP,RT-12VL,
-12VLL
9 Jul ,1997
ABSOLUTE MAXIMUM RATINGS
CAPACITANCE
Symbol
Parameter
Test conditions
pF
pF
Unit
Max
6
8
Typ
Min
Limits
VI=GND, VI=25mVrms, f=1MHz
VO=GND,VO=25mVrms, f=1MHz
Input capacitance ( except BC1,BC2)
Output capacitance
CI
CO
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Unit
V
V
V
W
Conditions
With respect to GND
Ta=25
1
0 ~ 70
– 65 ~ 150
Ratings
Symbol
Vcc
VI
VO
Pd
Topr
Tstg
DC ELECTRICAL CHARACTERISTICS (Ta=0 ~70 , Vcc=2.7V ~ 3.6V, unless otherwise noted)
– 0.3 ~ 4.6
(Ta=0 ~ 70
, Vcc=2.7V ~ 3.6V, unless otherwise noted)
0 ~ Vcc
* –3.0V in case of AC ( Pulse width
50ns )
Note 1: Direction for current flowing into an IC is positive (no mark).
2: Typical value is Vcc = 3.3V, Ta = 25
3
pF
9
VI=GND, VI=25mVrms, f=1MHz
Input capacitance ( BC1,BC2 )
CIBC
VIH
VIL
VOH1
Symbol
Parameter
V
V
V
Max
Vcc+0.3V
0.6
Typ
Limits
Min
2.0
– 0.3*
2.4
Test conditions
Unit
High-level input voltage
Low-level input voltage
High-level output voltage 1
CC3
VOL
I I
ICC1W
I
V
µA
µA
0.4
Low-level output voltage
Input current
Output current in off-state
IO
0.33
Stand-by current
mA
* –3.0V in case of AC ( Pulse width
30ns )
mA
55
Stand-by current
60
-VL
-VLL
12
IOH = – 1mA
IOH = – 0.1mA
IOL = 2mA
VI =0 ~ Vcc
BC1 and BC2 = VIH or CS = VIL or
OE = VIH, VI/O = 0 ~ Vcc
1
BC1 and BC2 = VIL, CS = VIH
other inputs = VIH or VIL
Output-open(duty 100%)
Min
cycle
1MHz
mA
12
VOH2
High-level output voltage 2
CC4
I
Vcc–0.5V
V
ICC1B
mA
Min
cycle
1MHz
mA
Active supply current
(AC,TTL level)
Word operation (16bit)
Active supply current
(AC,TTL level)
Byte operation (8bit)
(BC1 = VIH and BC2 = VIL)
or (BC1 = VIL and BC2 = VIH),
CS = VIH
other inputs = VIH or VIL
Output-open(duty 100%)
10
35
ICC2W
ICC2B
<
– 0.3* ~ Vcc + 0.3
C
o
C
o
C
o
C
o
+
_
1
+
_
2) BC1,BC2
Vcc - 0.2V,
other inputs = 0
~Vcc
BC1 and BC2 = VIH or CS = VIL,
other inputs = 0
~Vcc
1) CS
0.2V, other inputs = 0
~Vcc
CS
Vcc - 0.2V
<
>
>
µA
µA
C
o
C
o
<


Similar Part No. - M5M51016RT-12VLL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M51016RT-12VLL-I MITSUBISHI-M5M51016RT-12VLL-I Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
More results

Similar Description - M5M51016RT-12VLL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M51016BTP-12VL-I MITSUBISHI-M5M51016BTP-12VL-I Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M564R16DJ-10 MITSUBISHI-M5M564R16DJ-10 Datasheet
90Kb / 7P
   1048576-BIT (65536-WORD BY 16-BIT) CMOS STATIC RAM
M5M51016BTP-70L MITSUBISHI-M5M51016BTP-70L Datasheet
79Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51R16AWG-10L MITSUBISHI-M5M51R16AWG-10L Datasheet
84Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51R16AWG-10LI MITSUBISHI-M5M51R16AWG-10LI Datasheet
89Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-10VL-I MITSUBISHI-M5M51016BTP-10VL-I Datasheet
85Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M5165P MITSUBISHI-M5M5165P Datasheet
394Kb / 6P
   65536-BIT (8192-WORD BY 8-BIT) CMOS STATIC RAM
M5M512R88DJ-10 MITSUBISHI-M5M512R88DJ-10 Datasheet
62Kb / 6P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V4R04J-12 MITSUBISHI-M5M5V4R04J-12 Datasheet
56Kb / 6P
   4194304-BIT (1048576-WORD BY 4-BIT) CMOS STATIC RAM
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com