Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8505D2T50 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV8505D2T50
Description  Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8505D2T50 Datasheet(HTML) 5 Page - ON Semiconductor

  NCV8505D2T50 Datasheet HTML 1Page - ON Semiconductor NCV8505D2T50 Datasheet HTML 2Page - ON Semiconductor NCV8505D2T50 Datasheet HTML 3Page - ON Semiconductor NCV8505D2T50 Datasheet HTML 4Page - ON Semiconductor NCV8505D2T50 Datasheet HTML 5Page - ON Semiconductor NCV8505D2T50 Datasheet HTML 6Page - ON Semiconductor NCV8505D2T50 Datasheet HTML 7Page - ON Semiconductor NCV8505D2T50 Datasheet HTML 8Page - ON Semiconductor NCV8505D2T50 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NCV8505 Series
http://onsemi.com
5
PACKAGE PIN DESCRIPTION, ADJUSTABLE OUTPUT
Pin Number
Pin Symbol
Function
1
DELAY
Timing capacitor for RESET function.
2
ENABLE
ENABLE control for the IC. A high powers the device up.
3
RESET
Active reset (accurate to VOUT ≥ 1.0 V)
4
GND
Ground. All GND leads must be connected to Ground.
5
VADJ
Voltage Adjust. A resistor divider from VOUT to this lead sets the output voltage.
6
VOUT
±2.0%, 400 mA output.
7
VIN
Input Voltage.
PACKAGE PIN DESCRIPTION, FIXED OUTPUT
Pin Number
Pin Symbol
Function
1
DELAY
Timing capacitor for RESET function.
2
ENABLE
ENABLE control for the IC. A high powers the device up.
3
RESET
Active reset (accurate to VOUT ≥ 1.0 V)
4
GND
Ground. All GND leads must be connected to Ground.
5
SENSE
Kelvin connection which allows remote sensing of output voltage for improved regulation. If
remote sensing is not desired, connect to VOUT.
6
VOUT
±2.0%, 400 mA output.
7
VIN
Input Voltage.


Similar Part No. - NCV8505D2T50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8505D2T50 ONSEMI-NCV8505D2T50 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8505D2T50G ONSEMI-NCV8505D2T50G Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8505D2T50G ONSEMI-NCV8505D2T50G Datasheet
173Kb / 12P
   Micropower 400 mA LDO Linear Regulators
October, 2009 ??Rev. 12
NCV8505D2T50R4 ONSEMI-NCV8505D2T50R4 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8505D2T50R4G ONSEMI-NCV8505D2T50R4G Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
More results

Similar Description - NCV8505D2T50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8505 ONSEMI-NCV8505_07 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8503 ONSEMI-NCV8503 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8503 ONSEMI-NCV8503_07 Datasheet
186Kb / 13P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 19
NCV8501 ONSEMI-NCV8501 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8501 ONSEMI-NCV8501_07 Datasheet
201Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8504 ONSEMI-NCV8504_07 Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
NCV8504 ONSEMI-NCV8504 Datasheet
101Kb / 14P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8504 ONSEMI-NCV8504_10 Datasheet
151Kb / 12P
   Micropower 400 mA LDO Linear Regulators
May, 2010 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com