Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL14 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100EL14
Description  1:5 Clock Distribution Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL14 Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EL14 Datasheet HTML 1Page - ON Semiconductor MC100EL14 Datasheet HTML 2Page - ON Semiconductor MC100EL14 Datasheet HTML 3Page - ON Semiconductor MC100EL14 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC100LVEL14 MC100EL14
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
4–2
ABSOLUTE MAXIMUM RATINGS1
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0V)
–8.0 to 0
VDC
VI
Input Voltage (VCC = 0V)
0 to –6.0
VDC
Iout
Output Current
Continuous
Surge
50
100
mA
TA
Operating Temperature Range
–40 to +85
°C
VEE
Operating Range1,2
–5.7 to –4.2
V
1. Absolute maximum rating, beyond which, device life may be impaired, unless otherwise specified on an individual data sheet.
2. Parametric values specified at:
100EL Series:
–4.20V to –5.50V
10EL Series:
–4.94V to –5.50V
DC CHARACTERISTICS (VEE = VEE(min) – VEE(max); VCC = GND1)
–40
°C
0
°C to 85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Unit
Condition
VOH
Output HIGH Voltage
–1085
–1005
–880
–1025
–955
–880
mV
VIN = VIH(max)
VOL
Output LOW Voltage
–1830
–1695
–1555
–1810
–1705
–1620
mV
or VIL(min)
VOHA
Output HIGH Voltage
–1095
–1035
mV
VIN = VIH(max)
VOLA
Output LOW Voltage
–1555
–1610
mV
or VIL(min)
VIH
Input HIGH Voltage
–1165
–880
–1165
–880
mV
VIL
Input LOW Voltage
–1810
–1475
–1810
–1475
mV
IIL
Input LOW Current
CLK
Others
–300
0.5
–300
0.5
µA
VIN = VIL(max)
1. This table replaces the three tables traditionally seen in ECL 100K data books. The same DC parameter values at VEE = –4.5V now apply across
the full VEE range of –3.0V to –5.5V. Outputs are terminated through a 50Ω resistor to –2.0V except where otherwise specified on the individual
data sheets.


Similar Part No. - MC100EL14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL14 ONSEMI-MC100EL14 Datasheet
122Kb / 8P
   5V ECL 1:5 Clock Distribution Chip
October, 2006 ??Rev. 7
MC100EL14DW ONSEMI-MC100EL14DW Datasheet
122Kb / 8P
   5V ECL 1:5 Clock Distribution Chip
October, 2006 ??Rev. 7
MC100EL14DWG ONSEMI-MC100EL14DWG Datasheet
122Kb / 8P
   5V ECL 1:5 Clock Distribution Chip
October, 2006 ??Rev. 7
MC100EL14DWR2 ONSEMI-MC100EL14DWR2 Datasheet
122Kb / 8P
   5V ECL 1:5 Clock Distribution Chip
October, 2006 ??Rev. 7
MC100EL14DWR2G ONSEMI-MC100EL14DWR2G Datasheet
122Kb / 8P
   5V ECL 1:5 Clock Distribution Chip
October, 2006 ??Rev. 7
More results

Similar Description - MC100EL14

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
logo
Pericom Semiconductor C...
PI90LV14 PERICOM-PI90LV14 Datasheet
121Kb / 6P
   1:5 Clock Distribution
logo
ON Semiconductor
MC100EL14 ONSEMI-MC100EL14_06 Datasheet
122Kb / 8P
   5V ECL 1:5 Clock Distribution Chip
October, 2006 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14_06 Datasheet
127Kb / 6P
   3.3V ECL 1:5 Clock Distribution Chip
November, 2006 ??Rev. 8
MC10EL15 ONSEMI-MC10EL15_16 Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14_16 Datasheet
158Kb / 7P
   3.3 V ECL 1:5 Clock Distribution Chip
July, 2016 ??Rev. 10
MC10EL15 ONSEMI-MC10EL15 Datasheet
88Kb / 4P
   1:4 Clock Distribution Chip
1996 REV 2
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V Datasheet
67Kb / 4P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14V MICREL-SY100EL14V_06 Datasheet
61Kb / 5P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
logo
PhaseLink Corporation
PLL103-05 PLL-PLL103-05 Datasheet
122Kb / 4P
   1-to-5 Clock Distribution Buffer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com