Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LVB024Q Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI90LVB024Q
Description  LVDS Dual 2x2 Crosspoint/Repeater Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LVB024Q Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI90LVB024Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LVB024Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LVB024Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LVB024Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LVB024Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LVB024Q Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LVB024Q Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LVB024Q Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LVB024Q Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV024, PI90LVB024
LVDS Dual 2x2 Crosspoint/Repeater Switch
PS8486A
03/27/01
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T
)
1
(
.
x
a
Ms
t
i
n
U
V D
O
e
d
u
t
i
n
g
a
m
e
g
a
t
l
o
v
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
RL
m
h
O
0
0
1
=
)
4
2
0
V
L
(
RL
m
h
O
0
5
=
)
4
2
0
B
V
L
(
e
e
S
3
.
g
i
F
7
4
20
4
40
9
5
V
m
∆V D
O
e
d
u
t
i
n
g
a
m
e
g
a
t
l
o
v
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
d
n
i
e
g
n
a
h
C
s
e
t
a
t
s
c
i
g
o
l
n
e
e
w
t
e
b
0
5
0
5
V
)
S
S
(
C
O
e
g
a
t
l
o
v
t
u
p
t
u
o
e
d
o
m
-
n
o
m
m
o
c
e
t
a
t
s
-
y
d
a
e
t
S
e
e
S
4
.
g
i
F
5
2
1
.
15
7
3
.
1V
∆V
)
S
S
(
C
O
t
u
p
t
u
o
e
d
o
m
-
n
o
m
m
o
c
e
t
a
t
s
-
y
d
a
e
t
s
n
i
e
g
n
a
h
C
s
e
t
a
t
s
c
i
g
o
l
n
e
e
w
t
e
b
e
g
a
t
l
o
v
0
5
30
5
V
m
V
)
P
P
(
C
O
e
g
a
t
l
o
v
t
u
p
t
u
o
e
d
o
m
-
n
o
m
m
o
c
k
a
e
p
-
o
t
-
k
a
e
P
0
5
1
I C
C
t
n
e
r
r
u
c
y
l
p
p
u
S
d
a
o
L
o
N6
14
2
A
m
RL
)
4
2
0
V
L
(
m
h
O
0
0
1
=6
20
4
RL
)
4
2
0
B
V
L
(
m
h
O
0
5
=2
44
5
d
e
l
b
a
s
i
D
s
l
e
n
n
a
h
C
h
t
o
B6
2
1
IH
t
n
e
r
r
u
c
t
u
p
n
i
l
e
v
e
l
-
h
g
i
H
E
D
V H
I
5
=
0
4A
n
4
S
,
3
S
,
2
S
,
1
S3
A
µ
I L
I
t
n
e
r
r
u
c
t
u
p
n
i
l
e
v
e
l
-
w
o
L
E
D
V L
I
V
8
.
0
=
0
2
A
n
4
S
,
3
S
,
2
S
,
1
S0
1A
µ
I S
O
t
n
e
r
r
u
c
t
u
p
t
u
o
t
i
u
c
r
i
c
-
t
r
o
h
S
V Y
O
V
r
o
Z
O
,
V
0
=
V D
O
)
4
2
0
V
L
(
V
0
=
0
1
A
m
0
1
V Y
O
V
r
o
Z
O
,
V
0
=
V D
O
)
4
2
0
B
V
L
(
V
0
=
0
1
0
1
I Z
O
t
n
e
r
r
u
c
t
u
p
t
u
o
e
c
n
e
d
e
p
m
I
-
h
g
i
H
V D
O
V
m
0
0
6
=5
.
15
2
±
A
n
VO
V
r
o
V
0
=
C
C
5
.
15
2
±
I
)
F
F
O
(
O
t
n
e
r
r
u
c
t
u
p
t
u
o
f
f
o
-
r
e
w
o
PV C
C
V
,
V
0
=
O
V
6
.
3
=5
.
10
4
±
C N
I
e
c
n
a
t
i
c
a
p
a
c
t
u
p
n
I
3F
p
E
D
0
4
-
E
D
1
,
3
S
-
0
S8
F
p
Receiver / Driver Electrical Characteristics Over Recommended Operating Conditions (unless otherwise noted)
Note:
1. All typical values are at 25°C and with a 3.3 supply


Similar Part No. - PI90LVB024Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB024Q PERICOM-PI90LVB024Q Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LVB024QE PERICOM-PI90LVB024QE Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
More results

Similar Description - PI90LVB024Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV044 PERICOM-PI90LV044 Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV024 PERICOM-PI90LV024_04 Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com