Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL30 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100EL30
Description  Triple D Flip-Flop With Set and Reset
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL30 Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EL30 Datasheet HTML 1Page - ON Semiconductor MC100EL30 Datasheet HTML 2Page - ON Semiconductor MC100EL30 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MC100LVEL30 MC100EL30
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
4–2
MC100LVEL30
DC CHARACTERISTICS (VEE = –3.0V to –3.8V; VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
55
62
55
62
55
62
55
64
mA
IIH
Input HIGH Current
150
150
150
150
µA
MC100LVEL30
AC CHARACTERISTICS (VEE = –3.0V to –3.8V; VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fMAX
Maximum Toggle
Frequency
1.0
1.2
1.2
1.2
GHz
tPLH
tPHL
Propagation Delay
CLK
to Output
S, R
460
470
690
710
470
480
700
720
480
490
710
730
500
515
730
755
ps
tS
tH
Setup Time
Hold Time
150
200
0
100
150
200
0
100
150
200
0
100
150
200
0
100
ps
tRR
Set/Reset Recovery
400
200
400
200
400
200
400
200
ps
tPW
Minimum Pulse Width
CLK
Set, Reset
400
650
400
650
400
650
400
650
ps
tr
tf
Output Rise/Fall Times Q
(20% – 80%)
280
550
280
550
280
550
280
550
ps
MC100EL30
DC CHARACTERISTICS (VEE = –4.2V to –5.5V; VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
55
62
55
62
55
62
55
64
mA
IIH
Input HIGH Current
150
150
150
150
µA
MC100EL30
AC CHARACTERISTICS (VEE = –4.2V to –5.5V; VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fMAX
Maximum Toggle
Frequency
1.0
1.2
1.2
1.2
GHz
tPLH
tPHL
Propagation Delay
CLK
to Output
S, R
460
470
690
710
470
480
700
720
480
490
710
730
500
515
730
755
ps
tS
tH
Setup Time
Hold Time
150
200
0
100
150
200
0
100
150
200
0
100
150
200
0
100
ps
tRR
Set/Reset Recovery
400
200
400
200
400
200
400
200
ps
tPW
Minimum Pulse Width
CLK
Set, Reset
400
650
400
650
400
650
400
650
ps
tr
tf
Output Rise/Fall Times Q
(20% – 80%)
280
550
280
550
280
550
280
550
ps


Similar Part No. - MC100EL30

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL30 ONSEMI-MC100EL30 Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
MC100EL30DW ONSEMI-MC100EL30DW Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
MC100EL30DWG ONSEMI-MC100EL30DWG Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
MC100EL30DWR2 ONSEMI-MC100EL30DWR2 Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
MC100EL30DWR2G ONSEMI-MC100EL30DWR2G Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
More results

Similar Description - MC100EL30

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL31 ONSEMI-MC100LVEL31 Datasheet
59Kb / 4P
   D Flip-Flop With Set and Reset
1996 REV 0
MC10EL31 ONSEMI-MC10EL31 Datasheet
72Kb / 3P
   D Flip-Flop With Set and Reset
1995 REV 2
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31_06 Datasheet
51Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP31 ONSEMI-MC10EP31 Datasheet
72Kb / 8P
   D Flip Flop with Set and Reset
April, 2001 ??Rev. 5
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31 Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
   Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
   Dual D Flip-Flop with Set and Reset
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com