Electronic Components Datasheet Search |
|
XW2Z-100D Datasheet(PDF) 3 Page - Omron Electronics LLC |
|
XW2Z-100D Datasheet(HTML) 3 Page - Omron Electronics LLC |
3 / 13 page XW2Z XW2Z 3 Dimensions Unit: mm (inch) 3 XW2Z-PPPA FOR 32-POINT PLC I/O MODULES (CONNECTOR TYPE) The G79- PC Cable with a connector for the G7TC cannot be used for the XW2C due to a difference in wiring. The G79- PC Cable can be used for some of the XW2B Screw Terminal Blocks, refer to the XW2B data sheet. Cable length L Part number Cable length L XW2Z-050A 0.5 m (1.64 ft) XW2Z-100A 1 m (3.28 ft) XW2Z-150A 1.5 m (4.92 ft) XW2Z-200A 2 m (6.56 ft) XW2Z-300A 3 m (9.84 ft) XW2Z-500A 5 m (16.40 ft) Wiring Diagram FCN-367J024-AU/F (mated side) XG4M-2030 (mated side) Triangle mark Combinations of Omron PLC I/O Modules and Screw Terminal Blocks PLC I/O module I/O points Terminal block Dedicated cable C200H-ID215 C200H-OD215 C200H-MD215 C200H-MD115 C200H-MD501 C200H-ID501 C200H-OD501 C500-ID218CN C500-ID501CN C500-OD415CN C500-MD211CN C500-OD501CN 32 points input 32 points output 16 points in/16 points out 16 points in/16 points out 16 points in/16 points out 32 points input 32 points output 32 points input 32 points input 32 points output 16 points in/16 points out 32 points output XW2B-20G5 XW2B-20G4 XW2B-40G5-T XW2B-20G5-D XW2Z- PPPA C200H-ID215 C200H-ID501 C500-ID218CN C500-ID501CN C200H-MD215 C200H-MD115 C200H-MD501 C500--MD211CN 32 points input 32 points input 32 points input 32 points input 16 points in/16 points out 16 points in/16 points out 16 points in/16 points out 16 points in/16 points out XW2C-20G5-IN16 (See Note 3) Note: 1. The G79- P Cable with a connector for the G7TC cannot be used for the XW2C due to a difference in wiring. The G79-PC Cable can be used for some of the XW2B Screw Terminal Blocks, refer to the XW2B data sheet. 2. The Input or Output Modules above have two connectors, so each one can use up to two Terminal Blocks and two dedicated cables. 3. The XW2C is a dedicated Input Terminal Block. If the XW2C is connected to a PLC module that handles both input and output signals (modules with “MD” in the part number), only the input portion of the PLC module can be used. |
Similar Part No. - XW2Z-100D |
|
Similar Description - XW2Z-100D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |