Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ3M31 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TQ3M31
Description  Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ3M31 Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TQ3M31 Datasheet HTML 4Page - TriQuint Semiconductor TQ3M31 Datasheet HTML 5Page - TriQuint Semiconductor TQ3M31 Datasheet HTML 6Page - TriQuint Semiconductor TQ3M31 Datasheet HTML 7Page - TriQuint Semiconductor TQ3M31 Datasheet HTML 8Page - TriQuint Semiconductor TQ3M31 Datasheet HTML 9Page - TriQuint Semiconductor TQ3M31 Datasheet HTML 10Page - TriQuint Semiconductor TQ3M31 Datasheet HTML 11Page - TriQuint Semiconductor TQ3M31 Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TQ3M31
Data Sheet
8
For additional information and latest specifications, see our website: www.triquint.com
Application/Test Circuit
Bill of Material for TQ3M31 LNA Application/Test Circuit
Component
Reference Designator
Part Number
Value
Size
Manufacturer
Receiver IC
U1
TQ3M31
Leadless 3x3mm
TriQuint Semiconductor
Capacitor
C1
1.2pF
0402
Capacitor
C2
2.2pF
0402
Capacitor
C3, C4, C5, C6
1000pF
0402
Capacitor
C7
39pF
0402
Capacitor
C8
10pF
0402
Resistor
R1, R2
3.3
0402
Inductor
L1
4.7nH
0603
Inductor
L2
18nH
0603
Inductor
Lbrd
See
application
note
PCS_LNA_in
PCS LNA output
C1
L1
PCS
LNA
GND
GND
PCS
Vdd
Mode
Ctl
PCS
RF in
GND
GND
Cell
RF in
PCS
RF out
GND
GND
Cell
RF out
Cell
LNA
GND
GND
Cell
Vdd
Gain
Ctl
Cell LNA output
Cell_LNA_in
Vdd_PCS
R2
C8
Lbrd
Mode_CTL
C5
Vdd_Cell
R1
C7
Lbrd
Gain_CTL
C4
C2
L2
PCS LNA
Cell LNA


Similar Part No. - TQ3M31

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
   3V Cellular Band CDMA/AMPS LNA IC
TQ3132 TRIQUINT-TQ3132 Datasheet
88Kb / 10P
   Low Current, 3V Cellular Band CDMA/AMPS LNA IC
TQ3631 TRIQUINT-TQ3631 Datasheet
170Kb / 10P
   3V PCS Band CDMA LNA IC
TQ3632 TRIQUINT-TQ3632 Datasheet
212Kb / 12P
   Low Current, 3V PCS Band CDMA LNA IC
logo
Kyocera Kinseki Corpota...
TQ3C-8EAF0-E1YAL22-00 KSS-TQ3C-8EAF0-E1YAL22-00 Datasheet
513Kb / 28P
   12.1 inch XGA transmissive color TFT with LED backlight and constant current circuit for LED backlight
More results

Similar Description - TQ3M31

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
   3V Cellular Band CDMA/AMPS LNA IC
TQ3631 TRIQUINT-TQ3631 Datasheet
170Kb / 10P
   3V PCS Band CDMA LNA IC
TQ3132 TRIQUINT-TQ3132 Datasheet
88Kb / 10P
   Low Current, 3V Cellular Band CDMA/AMPS LNA IC
logo
NXP Semiconductors
SA9503 PHILIPS-SA9503 Datasheet
169Kb / 16P
   Dual-band, CDMA/AMPS LNA and downconverter mixers
1999 Jul 29
logo
TriQuint Semiconductor
TQ3632 TRIQUINT-TQ3632 Datasheet
212Kb / 12P
   Low Current, 3V PCS Band CDMA LNA IC
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
logo
New Japan Radio
NJG1135MD7 NJRC-NJG1135MD7 Datasheet
860Kb / 20P
   CDMA DUAL BAND LNA GaAs MMIC
logo
NXP Semiconductors
SA9504 PHILIPS-SA9504 Datasheet
223Kb / 22P
   Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
1999 Oct 28
logo
TriQuint Semiconductor
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ9222 TRIQUINT-TQ9222 Datasheet
278Kb / 16P
   Dual-Band TDMA LNA/Downconverter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com