Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2753GR-E1 Datasheet(PDF) 1 Page - NEC

Part # UPC2753GR-E1
Description  3V, 400 MHz SILICON MMIC FREQUENCY CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2753GR-E1 Datasheet(HTML) 1 Page - NEC

  UPC2753GR-E1 Datasheet HTML 1Page - NEC UPC2753GR-E1 Datasheet HTML 2Page - NEC UPC2753GR-E1 Datasheet HTML 3Page - NEC UPC2753GR-E1 Datasheet HTML 4Page - NEC UPC2753GR-E1 Datasheet HTML 5Page - NEC UPC2753GR-E1 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3V, 400 MHz SILICON MMIC
FREQUENCY CONVERTER
UPC2753GR
FEATURES
3 V SINGLE SUPPLY VOLTAGE
LOW CURRENT DISSIPATION: ICC = 7 mA TYP
HIGH CONVERSION GAIN: 80 dB TYP
OUTPUT LIMITING: 450 mV p-p
WIDE BAND OPERATION UP TO 500 MHz
AGC: 19 dB Typical
INTERNAL BLOCK DIAGRAM
PART NUMBER
UPC2753GR
PACKAGE OUTLINE
S20
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICC
Total Circuit Current4
mA
4.7
6.9
8.5
RFu
RF Input Frequency Range (3 dB BW)1
fIF = 4 MHz, VAGC = GND
MHz
400
IFu
IF Output Frequency Range (3dB BW)
fRF = 200 MHz, VAGC = GND
MHz
20
CG
Conversion Gain2
fRF = 200 MHz, fIF = 4 MHz, VAGC = GND
dB
35
38
42
NF
Noise Figure2
fRF = 200 MHz, fIF = 20 MHz, VAGC = GND
dB
12
15
RLIN
Input Return Loss fRF
≤400 MHz
dB
14
ISOL(LO-RF)
LO to RF Isolation3, fLO = 1 to 400 MHz
dBc
-52
ISOL(LO-IF)
LO to IF Isolation3, fLO = 1 to 400 MHz
dBc
-15
GCR
Gain Control
fRF = 200 MHz, fIF = 4 MHz, VAGC = 1.2 - 2.4 V
dB
15
19
fu
IF Amplifier Frequency Range1 (3 dB BW)
(The gain is -3 dB down from the gain at 4 MHz)
MHz
DC
20
GSIF
IF Amplifier Small Signal Gain
f = 4 MHz
dB
38
41
45
VOUT
Output Voltage (ZL = 2 K
Ω // 2 pF)
mV p-p
350
450
550
Notes:
1. Conversion Gain is -3 dB from Conversion Gain For fRF = 50 MHz.
2. Downconverter and AGC amplifier only.
3. PLO = -10 dBm.
ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC = 3.0 V, ZL = ZS = 50 Ω)
DESCRIPTION AND APPLICATIONS
The UPC2753GR is a frequency converter manufactured
with the NESAT III process. This product consists of an RF
input amplifier, Gilbert cell mixer, LO input buffer, IF amplifier
with AGC, external filter port, and IF output limiting amplifier.
This device was specifically designed for low cost GPS
recievers, mobile radios, and PCN applications.
NEC's stringent quality assurance and test procedures as-
sure the highest reliability and performance.
N/C
GND
LO Input
LO Bypass
VAGC
VCC (DC)
VCC (IF)
IF OUT
GND
GND
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
N/C
GND
RF Input
RF Bypass
Mixer IF
IF Bypass
IF Input
Bypass
GND
GND
4. Downconverter and IF amp may be operated separately.
Typical ICC for down converter is 5.5 mA (pin 15). Typical ICC for
IF amp is 1.4 mA (pin 14).
California Eastern Laboratories


Similar Part No. - UPC2753GR-E1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC2753GR-E1 RENESAS-UPC2753GR-E1 Datasheet
243Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results

Similar Description - UPC2753GR-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2768GR NEC-UPC2768GR Datasheet
51Kb / 4P
   3V, 450 MHz SILICON MMIC FREQUENCY CONVERTER
UPC2757T NEC-UPC2757T Datasheet
44Kb / 4P
   3 V, SILICON MMIC FREQUENCY CONVERTER
logo
California Eastern Labs
UPC1686GV CEL-UPC1686GV Datasheet
198Kb / 8P
   900 MHz SILICON MMIC DOWN CONVERTER
logo
Advanced Semiconductor ...
ASX403 ASB-ASX403 Datasheet
312Kb / 5P
   400-3000 MHz MMIC Amplifier
August 2010
ASX403 ASB-ASX403_17 Datasheet
833Kb / 7P
   400 ~ 3000 MHz MMIC Amplifier
February 2017
ASX602 ASB-ASX602_17 Datasheet
1Mb / 16P
   400 ~ 3000 MHz MMIC Amplifier
February 2017
ASX602 ASB-ASX602 Datasheet
1Mb / 14P
   400-3000 MHz MMIC Amplifier
December 2010
logo
NEC
UPC8106T NEC-UPC8106T Datasheet
112Kb / 4P
   3 V, SILICON MMIC FREQUENCY UP-CONVERTER
UPC8106T NEC-UPC8106T_00 Datasheet
46Kb / 5P
   3 V, SILICON MMIC FREQUENCY UP-CONVERTER
logo
California Eastern Labs
UPC8112TB CEL-UPC8112TB Datasheet
173Kb / 5P
   3 V SILICON MMIC L-BAND FREQUENCY DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com