Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE2144BY-70.0M-XXX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PE2144BY-70.0M-XXX
Description  10 Pad Leadless Surface Mount Clock Oscillator,see PE1145B for 6Pad
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PE2144BY-70.0M-XXX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PE2144BY-70.0M-XXX Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PE2245B PECL Series
10.00 MHz – 170.00 MHz
Standard Specifications
Overall Frequency Stability
Operating Temperature Range
0 to +80°C is standard, but can be extended to - 40 to +85°C for certain frequencies
Consult factory for available frequencies and specs. Not all options available for all frequencies. A special part number may be assigned.
See PE1145T for higher frequencies
Supply Voltage (Vcc)
3.3 volts ± 10% standard, but 5.0 volts or 2.5 volts also available
Output Waveform
PECL with Differential Output
Logic “1”
Vcc - 1.025 volts minimum
Logic “0”
Vcc - 1.620 volts maximum
Output Load
Output must be terminated into 50 ohms to (Vcc - 2.0 V). See Test Circuit 5 and Note 1.
Enable/Disable Option (E/D)
(as applicable)
Part Numbering Guide
Model
(Pinout Option)
Frequency Stability
45 = ± 50 PPM
44 = ± 25 PPM
Frequency in MHz
Special Specifications (choose all that apply)
E: Extended Operating Temperature Range (- 40 to +85 C)
F: 47.5 /52.5% Symmetry at 50% of Vcc
V: Supply Voltage of 3.3 volts ± 10%
W: Supply Voltage of 2.5 volts ± 5%
Y: Supply Voltage of 5.0 volts ± 10%
PE22 45 B Y - 70.0M - XXX (Internal Code or blank)
°
20 = ± 20 PPM
Symmetry
Tr & Tf
45/55% to 55/45% at 50% of Vcc level standard, tighter symmetry available
1.0 nS max (20 to 80%) for 70 MHz.
For < 70 MHz, consult factory
³
60 to 70 mA typical, 90 mA maximum for 70 MHz.
For < 70 MHz, consult factory
³
Supply Current (Icc)
1 pS RMS maximum, from 12 kHz to 20 MHz from carrier for ³ 70 MHz.
For < 70 MHz, consult factory
Jitter
In the typical PECL 100K logic output Voh is 2.35 volts and Vol is 1.60 volts at 3.3 Vcc. The center voltage of the PECL is therefore1.975 volts.
If a 50 ohm resistor is placed between the output and Vcc – 2 volts (1.3 volts), the current through the resistor is (1.975 – 1.3) / 50 = 13.5 mA.
The same load can be simulated by a resistor of 147 ± 1% ohms to ground (1.975 / 0.0135 = 146.29 ohms). If additional load current is placed
on the output, its load current must be subtracted from the 13.5 mA to calculate a new load resistor. Using similar calculations, use 274 ± 1%
ohms to ground for 5.0V operation.
(425) 776 -1880, Fax: (425) 776-2760, ple-sales@pletronics.com, www.pletronics.com
Pl tronics, Inc.
Frequency Stability is inclusive of frequency shifts due to calibration, temperature, supply voltage, shock, vibration and load
Output enabled when E/D Pin is open or at CMOS Logic “1”;
Output disabled when E/D Pin is at CMOS Logic “0”.
± 50 PPM, ± 25 PPM, ± 20 PPM over Operating Temperature Range
Packaging
Tray or
24mm tape,
16mm pitch
Note 1:
(see Waveform 2)
Mechanical:
not to scale
inches (mm)
Due to part size and factory abilities, part marking may vary from lot to lot and may contain our part number or an internal code.
PE20 PE23
PE21 PE24
PE22
July 2002
10 Pad Leadless Surface Mount Clock Oscillator, see PE1145B for 6 Pad
Differential PECL Output with or without Enable/ Disable Function
All Connor-Winfield EE94-5XX Pinouts Available
.400 (10.16)
1
2
3
10 9
8
4
5
7
6
.05
(1.3)
.560 (14.23) MAX
Vcc
GND
Q
4
3
7
5
6
8
9
2
10
1
PLE
N.C.
.217 (5.5)
MAX
N.C.
N.C.
N.C.
*
*
N.C.
E/D
QN
Pin PE20 PE21 PE22 PE23 PE24
Option '0'
'1'
'2'
'3'
'4'
2
6
N.C.
N.C.
E/D
N.C.
QN
N.C.
N.C. QN
C-W
*
PE2245B Series Pinout Options
Connor-Winfield EE94-5XX Equivalents
Pl tronics, Inc.
19013 36th Ave. W, Suite H Lynnwood, WA 98036 USA
Manufacturer of High Quality Frequency Control Products
.
Portions of the part number that appear after the frequency may not be marked on part (C of C provided)
For Best Performance,
Do NOT allow any traces other than ground
under oscillators (Even in buried layers)
Solder Pads


Similar Part No. - PE2144BY-70.0M-XXX

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
PE210G1I40 SILICOM-PE210G1I40 Datasheet
330Kb / 4P
   Single Port Copper 10 Gigabit Ethernet PCI Express Server Adapter
PE210G1I40-T SILICOM-PE210G1I40-T Datasheet
330Kb / 4P
   Single Port Copper 10 Gigabit Ethernet PCI Express Server Adapter
PE210G1SPI9 SILICOM-PE210G1SPI9 Datasheet
435Kb / 7P
   Single Port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
PE210G1SPI9-LR SILICOM-PE210G1SPI9-LR Datasheet
435Kb / 7P
   Single Port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
PE210G1SPI9-LRD SILICOM-PE210G1SPI9-LRD Datasheet
435Kb / 7P
   Single Port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
More results

Similar Description - PE2144BY-70.0M-XXX

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV1145BV PLETRONICS-LV1145BV Datasheet
83Kb / 5P
   6 Pad Leadless Surface Mount Oscillator
logo
Connor-Winfield Corpora...
MSD611 CONNOR-WINFIELD-MSD611 Datasheet
210Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD621 CONNOR-WINFIELD-MSD621 Datasheet
203Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD641 CONNOR-WINFIELD-MSD641 Datasheet
210Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD631 CONNOR-WINFIELD-MSD631 Datasheet
203Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
EML3313 CONNOR-WINFIELD-EML3313 Datasheet
208Kb / 2P
   LEADLESS SURFACE MOUNT 3.3V PECL CLOCK
EML3213 CONNOR-WINFIELD-EML3213 Datasheet
208Kb / 2P
   LEADLESS SURFACE MOUNT 3.3V PECL CLOCK
logo
All Sensors Corporation
EGBD ASC-EGBD Datasheet
42Kb / 1P
   For suggested pad layout, see drawing: PAD-01
P1NR ASC-P1NR Datasheet
228Kb / 1P
   For suggested pad layout, see drawing: PAD-01
P2NQ ASC-P2NQ Datasheet
207Kb / 1P
   For suggested pad layout, see drawing: PAD-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com