Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD400D8E Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # FD400D8E
Description  RELAIS HERMETIQUE 2 RT DOUBLE COUPURE 10 A/56 Vcc
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FD400D8E Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FD400D8E Datasheet HTML 2Page - List of Unclassifed Manufacturers FD400D8E Datasheet HTML 3Page - List of Unclassifed Manufacturers FD400D8E Datasheet HTML 4Page - List of Unclassifed Manufacturers FD400D8E Datasheet HTML 5Page - List of Unclassifed Manufacturers FD400D8E Datasheet HTML 6Page - List of Unclassifed Manufacturers FD400D8E Datasheet HTML 7Page - List of Unclassifed Manufacturers FD400D8E Datasheet HTML 8Page - List of Unclassifed Manufacturers FD400D8E Datasheet HTML 9Page - List of Unclassifed Manufacturers FD400D8E Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
FICHE TECHNIQUE
SFD400CE40E
SOCLE POUR
FD400/FD470 RELAIS
FAMILLE DE SOCLES POUR:
Relais FD400 et FD470
Socle pour montage sur circuit imprimé
CARACTERISTIQUES GENERALES
Température d'utilisation
-55°C à +125°C
Température de stockage
-70°C à +150°C
Resistance d'isolement
> 1000 M
Rigidité diélectrique
- Entre broches et fixations
1500 Vrms / 50 Hz
- Entre broches
1500 Vrms / 50 Hz
Vibrations sinusoïdales
20 g / 10 à 2000 Hz
Chocs
50 g / 11 ms
Fixations livrées
6 vis M3-5. 6 rondelles onduflex
LEACH ® INTERNATIONAL
Solutions for Power Switching and Control
www.leachintl.com
North America
6900 Orangethorpe Ave.
P.O. Box 5032
Buena Park, CA 90622 USA
Tel: (01) 714-736-7599
Fax: (01) 714-670-1145
Europe, SA
2 Rue Goethe
57430 Sarralbe
France
Tel: (33) 3 87 97 98 97
Fax: (33) 3 87 97 84 04
Asia-Pacific Ltd.
20/F Shing Hing Commercial Bldg.
21-27 Wing Kut Street
Central, Hong Kong
Tel: (852) 2 191 2886
Fax: (852) 2 389 5803
Date of issue: 6/01
- 49 -
Page 1 of 1


Similar Part No. - FD400D8E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FD400R07PE4R_B6 INFINEON-FD400R07PE4R_B6 Datasheet
839Kb / 10P
   EconoPACK4 Modul mit Trench
2013-11-11 revision:3.0
FD400R12KE3 INFINEON-FD400R12KE3 Datasheet
497Kb / 9P
   62mm C-Serien Modul mit Trench/Feldstop IGBT3 und Emitter Controlled High Efficiency Diode
2013-10-03 revision:3.0
logo
eupec GmbH
FD400R12KE3_B5 EUPEC-FD400R12KE3_B5 Datasheet
274Kb / 8P
   62mm C-series module with trench/fieldstop IGBT3 and EmCon High Efficiency series diode
logo
Infineon Technologies A...
FD400R12KE3_B5 INFINEON-FD400R12KE3_B5 Datasheet
434Kb / 8P
   62mm C-Serien Modul mit Trench/Feldstop IGBT3 und Emitter Controlled High Efficiency Reihendiode
2013-10-03 revision:2.0
logo
eupec GmbH
FD400R12KF4 EUPEC-FD400R12KF4 Datasheet
78Kb / 5P
   Marketing Information
More results

Similar Description - FD400D8E

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SCB945600 CELDUC-SCB945600 Datasheet
129Kb / 3P
   Relais Statique Double Double Solid State Relay
logo
ZETTLER Electronics
AZ696 ZETTLER-AZ696 Datasheet
981Kb / 4P
   Relais
logo
FCI connector
10085176 FCI-CONNECTOR-10085176 Datasheet
354Kb / 6P
   SMT DOUBLE ROW VCC ASEEMBLY
logo
celduc-relais
SDI0501710 CELDUC-SDI0501710 Datasheet
1,002Kb / 11P
   RELAIS STATIQUE A IGBT POUR COURANT CONTINU
XKLD31006 CELDUC-XKLD31006 Datasheet
414Kb / 5P
   RELAIS STATIQUE A MOSFET POUR COURANT CONTINU
SCM0150100 CELDUC-SCM0150100 Datasheet
345Kb / 5P
   RELAIS STATIQUE A MOSFET POUR COURANT CONTINU
SDI0501700 CELDUC-SDI0501700 Datasheet
1,002Kb / 11P
   RELAIS STATIQUE A IGBT POUR COURANT CONTINU
logo
List of Unclassifed Man...
OW5691 ETC-OW5691 Datasheet
99Kb / 4P
   Relais miniature de puissance
OA5612 ETC-OA5612 Datasheet
432Kb / 6P
   Relais de SECURITE
logo
PHOENIX CONTACT
2988735 PHOENIX-2988735 Datasheet
89Kb / 3P
   VISU 2 RT-D 1024
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com