Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HG4181012-B2AG Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HG4181012-B2AG
Description  Automotive Subminiature PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HG4181012-B2AG Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HG4181012-B2AG Datasheet HTML 1Page - List of Unclassifed Manufacturers HG4181012-B2AG Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HG4181
REFERENCE CURVES
OVERALL DIMENSIONS, MOUNTING HOLES AND WIRING DIAGRAMS (mm)
Overall Dimensions
Mounting Holes (Bottom View)
Wiring Diagrams (Bottom View)
NOTES
1.
All parameters, unless otherwise specified, are measured at ambient temperature 23ºC.
2.
Maximum make current refers to inrush current of motor load.
3.
Electrical life obtained at motor load of locked rotor at 20A, 14VDC with operating frequency of 6 ops/min.
4.
Custom-made services available with operational quantity. Please let us know your special requirements.
5.
Specifications subject to change without prior notice.
HG4181
2/2
DB LECTRO INC. 3600 boul. Matte suite I Brossard Qc J4Y-2Z2
TEL: (450)-444-1424 FAX: (450)-444-4714


Similar Part No. - HG4181012-B2AG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4182 ETC1-HG4182 Datasheet
132Kb / 2P
   MICRO AUTOMOTIVE PLUG IN /PCB POWER RELAY
HG4182/012-D ETC1-HG4182/012-D Datasheet
132Kb / 2P
   MICRO AUTOMOTIVE PLUG IN /PCB POWER RELAY
HG4182/012-D4 ETC1-HG4182/012-D4 Datasheet
132Kb / 2P
   MICRO AUTOMOTIVE PLUG IN /PCB POWER RELAY
HG4182/012-DA ETC1-HG4182/012-DA Datasheet
132Kb / 2P
   MICRO AUTOMOTIVE PLUG IN /PCB POWER RELAY
HG4182/012-DA4 ETC1-HG4182/012-DA4 Datasheet
132Kb / 2P
   MICRO AUTOMOTIVE PLUG IN /PCB POWER RELAY
More results

Similar Description - HG4181012-B2AG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
Picker Components
PC517 PICKER-PC517 Datasheet
196Kb / 2P
   Automotive Subminiature PCB Power Relay
PC517 PICKER-PC517_14 Datasheet
205Kb / 2P
   Automotive Subminiature PCB Power Relay
PC635 PICKER-PC635 Datasheet
187Kb / 2P
   Subminiature Automotive PCB Power Relay
PC517 PICKER-PC517_17 Datasheet
582Kb / 2P
   Automotive Subminiature PCB Power Relay
PC236A PICKER-PC236A Datasheet
178Kb / 2P
   Subminiature Automotive PCB Power Relay
logo
Sanyou Corporation Limi...
SARK SANYOU-SARK Datasheet
212Kb / 3P
   Subminiature PCB Automotive Relay
logo
List of Unclassifed Man...
G8SN ETC-G8SN Datasheet
39Kb / 2P
   SubMiniature Automotive PCB Relay
logo
Picker Components
PC558 PICKER-PC558 Datasheet
174Kb / 2P
   Subminiature Automotive PCB Twin Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com