Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM9893L Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM9893L
Description  4M-bit Serial Voice Flash Memory
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9893L Datasheet(HTML) 7 Page - OKI electronic componets

  MSM9893L Datasheet HTML 1Page - OKI electronic componets MSM9893L Datasheet HTML 2Page - OKI electronic componets MSM9893L Datasheet HTML 3Page - OKI electronic componets MSM9893L Datasheet HTML 4Page - OKI electronic componets MSM9893L Datasheet HTML 5Page - OKI electronic componets MSM9893L Datasheet HTML 6Page - OKI electronic componets MSM9893L Datasheet HTML 7Page - OKI electronic componets MSM9893L Datasheet HTML 8Page - OKI electronic componets MSM9893L Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
¡ Semiconductor
MSM9893L
7/8
(Unit : mm)
PACKAGE DIMENSIONS
Notes for Mounting the Surface Mount Type Package
The SOP, QFP, TSOP, TQFP, LQFP, SOJ, QFJ (PLCC), SHP, and BGA are surface mount type
packages, which are very susceptible to heat in reflow mounting and humidity absorbed in
storage. Therefore, before you perform reflow mounting, contact Oki’s responsible sales person
on the product name, package name, pin number, package code and desired mounting conditions
(reflow method, temperature and times).
TSOP
I28-P-813-0.55-K
Package material
Lead frame material
Pin treatment
Solder plate thickness
Package weight (g)
Epoxy resin
42 alloy
Solder plating
7 mm or more
0.27 TYP.
MIRROR FINISH


Similar Part No. - MSM9893L

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9892L OKI-MSM9892L Datasheet
107Kb / 7P
   2M-bit Serial Voice Flash Memory
MSM9892LTS-KT OKI-MSM9892LTS-KT Datasheet
107Kb / 7P
   2M-bit Serial Voice Flash Memory
MSM9894AL OKI-MSM9894AL Datasheet
114Kb / 7P
   8M-bit Serial Voice Flash Memory
More results

Similar Description - MSM9893L

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9892L OKI-MSM9892L Datasheet
107Kb / 7P
   2M-bit Serial Voice Flash Memory
logo
Sanyo Semicon Device
LE25FS406 SANYO-LE25FS406 Datasheet
204Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
LE25S40MB SANYO-LE25S40MB Datasheet
171Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
   4M-bit (512K??) Serial Flash Memory
LE25U40CMC SANYO-LE25U40CMC Datasheet
180Kb / 23P
   4M-bit (512K횞8) Serial Flash Memory
LE25U40CQH SANYO-LE25U40CQH Datasheet
182Kb / 23P
   4M-bit (512K횞8) Serial Flash Memory
LE25FU406B SANYO-LE25FU406B_10 Datasheet
198Kb / 21P
   4M-bit (512K횞8) Serial Flash Memory
logo
OKI electronic componet...
MSM9894AL OKI-MSM9894AL Datasheet
114Kb / 7P
   8M-bit Serial Voice Flash Memory
logo
ON Semiconductor
ENA2312 ONSEMI-ENA2312 Datasheet
159Kb / 23P
   4M-bit (512K x 8) Serial Flash Memory
April, 2014
logo
Sanyo Semicon Device
LE25FU406B SANYO-LE25FU406B Datasheet
146Kb / 22P
   CMOS IC 4M-bit (512K횞8) Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com