Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL38 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100EL38
Description  첨2, 첨4/6 Clock Generation Chip
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL38 Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EL38 Datasheet HTML 1Page - ON Semiconductor MC100EL38 Datasheet HTML 2Page - ON Semiconductor MC100EL38 Datasheet HTML 3Page - ON Semiconductor MC100EL38 Datasheet HTML 4Page - ON Semiconductor MC100EL38 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC100LVEL38 MC100EL38
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
4–2
Phase
Out
Logic
CLK
CLK
EN
MR
DIVSEL
÷2
Q0
Q0
Q1
Q1
÷4/6
Q2
Q2
Q3
Q3
PHASE_OUT
PHASE_OUT
LOGIC DIAGRAM
R
R
R
R
CLK
Q (
÷2)
Q (
÷4)
Q (
÷6)
Phase_Out (
÷4)
Phase_Out (
÷6)
Figure 1. Timing Diagrams


Similar Part No. - MC100EL38

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL38 ONSEMI-MC100EL38 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC100EL38 ONSEMI-MC100EL38 Datasheet
160Kb / 6P
   5V ECL Clock Generation Chip
July, 2016 ??Rev. 9
MC100EL38DW ONSEMI-MC100EL38DW Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC100EL38DWG ONSEMI-MC100EL38DWG Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC100EL38DWR2 ONSEMI-MC100EL38DWR2 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
More results

Similar Description - MC100EL38

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100LVEL39 MOTOROLA-MC100LVEL39 Datasheet
127Kb / 4P
   첨2/4,첨4/6 Clock Generation Chip
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838_06 Datasheet
483Kb / 5P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
logo
Micrel Semiconductor
SY100S839V MICREL-SY100S839V Datasheet
68Kb / 5P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
SY10EL38 MICREL-SY10EL38 Datasheet
73Kb / 6P
   5V/3.3V 첨2, 첨4/6 CLOCK GENERATION CHIP
SY100S839V MICREL-SY100S839V_06 Datasheet
64Kb / 6P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_11 Datasheet
249Kb / 8P
   (첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com