Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM20MT15C Datasheet(PDF) 4 Page - Protek Devices

Part # SM20MT15C
Description  STANDARD CAPACITANCE TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM20MT15C Datasheet(HTML) 4 Page - Protek Devices

  SM20MT15C Datasheet HTML 1Page - Protek Devices SM20MT15C Datasheet HTML 2Page - Protek Devices SM20MT15C Datasheet HTML 3Page - Protek Devices SM20MT15C Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.protekdevices.com
05079.R4 9/03
SM20MT05C
thru
SM20MT24C
COPYRIGHT © ProTek Devices 2003
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical
characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that
the final judgement concerning selection and specifications is the buyer’s and that in furnishing
engineering and technical assistance, ProTek assumes no responsibility with respect to the
selection or specifications of such products.
PACKAGE OUTLINE & DIMENSIONS
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
TAPE & REEL/BULK ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance
with EIA-481.
2. Suffix-T13 = 13 Inch Reel - 1,000 pieces per 24mm tape,
i.e.,
SM20MT05C-T13.
3. No Suffix = Product Shipped in Tubes of 37 pcs per Tube.
Outline & Dimensions: Rev 1 - 11/01, 06018
A
B
C
D
F
G
J
K
P
R
12.95
7.60
2.65
0.49
0.90
1.27 BSC
0.32
0.25
10.55
0.75
0.499
0.292
0.093
0.014
0.020
0.05 BSC
0.010
0.004
0.395
0.010
0.510
0.299
0.104
0.019
0.035
0.05 BSC
0.012
0.009
0.415
0.029
12.65
7.40
2.35
0.35
0.50
1.27 BSC
0.25
0.10
10.05
0.25
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES
1. - T - = Seating Plane and Datum Surface.
2. Dimensions “A” and “B” are Datum.
3. Dimensions “A” and “B” do not include mold protrusions.
4. Maximum mold protrusion is 0.015” (0.380 mm) per side.
5. Dimensioning and tolerances per ANSI Y14.5M, 1982.
6. Dimensions are exclusive of mold flash and metal burrs.
PACKAGE OUTLINE
SO-20WB
(Wide Body)
MOUNTING PAD
-A-
P
D
G
-T-
K
C
J
R X 45º
F
0.010” (0.25 MM)
M
B
M
10 PL
0.010” (0.25 MM)
S
B
M
20 PL
T
A S
20
11
10
1
0.050” TYP
0.030”
± 0.005”
0.420” MIN
0.325”
± 0.005”
0.045”
± 0.005”
0º - 7º
-B-


Similar Part No. - SM20MT15C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT15C PROTEC-SM20MT15C Datasheet
112Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM20MT15C-LF-T13 PROTEC-SM20MT15C-LF-T13 Datasheet
112Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM20MT15C-T13 PROTEC-SM20MT15C-T13 Datasheet
112Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
More results

Similar Description - SM20MT15C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com