Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9630 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # C9630
Description  PC133 Clock Generator for SiS630/Pentium III & SiS540/Socket7 Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9630 Datasheet(HTML) 5 Page - Cypress Semiconductor

  C9630 Datasheet HTML 1Page - Cypress Semiconductor C9630 Datasheet HTML 2Page - Cypress Semiconductor C9630 Datasheet HTML 3Page - Cypress Semiconductor C9630 Datasheet HTML 4Page - Cypress Semiconductor C9630 Datasheet HTML 5Page - Cypress Semiconductor C9630 Datasheet HTML 6Page - Cypress Semiconductor C9630 Datasheet HTML 7Page - Cypress Semiconductor C9630 Datasheet HTML 8Page - Cypress Semiconductor C9630 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
PC133 Clock Generator for SiS630/Pentium
®III & SiS540/Socket7 Applications
Cypress Semiconductor Corporation
525 Los Coches St.
Document#: 38-07035 Rev. **
05/02/2001
Milpitas, CA 95035. Tel: 408-263-6300, Fax: 408-263-6571
Page 5 of 18
http://www.cypress.com
APPROVED PRODUCT
C9630
2-Wire SMBus Control Interface
The 2-wire control interface implements a read/write slave only interface according to SMBus specification (IC12, 1996).
The device can be read back by using standard SMBus command bytes. Sub addressing is not supported, thus all
preceding bytes must be sent in order to change one of the control bytes. The 2-wire control interface allows each clock
output to be individually enabled or disabled. 100 Kbits/second (standard mode) data transfer is supported.
During normal data transfer, the SDATA signal only changes when the SCLK signal is low, and is stable when SCLK is
high. There are two exceptions to this. A high to low transition on SDATA while SCLK is high is used to indicate the
start of a data transfer cycle. A low to high transition on SDATA while SCLK is high indicates the end of a data transfer
cycle. Data is always sent as complete 8-bit bytes, after which an acknowledge is generated. The first byte of a transfer
cycle is a 7-bit address with a Read/Write bit (R/W#) as the LSB. R/W# = 1 in read mode. R/W# = 0 in write mode.
A maximum of 10 bytes of data may be written/Read Data is transferred MSB first at a max rate of 100kbits/S.The
device will not respond to any other control interface conditions.
In the Write mode (See fig6A, p.9), the clock gen. acknowledges Address Byte, D2, then receives two additional bytes:
1) “Command Code “ byte, and
2) “Byte Count” byte. Must be programmed to FF for correct operation.
Although the data (bits) in these two bytes are considered “don’t care”; they must be sent and will be acknowledged.
Subsequently, the below-described sequence (Byte 0, Byte 1, Byte2,) will be valid and acknowledged.
In the Read Mode (See fig6B, p.9), the clock gen. acknowledges Address D3, and immediately transmits data starting
with Byte count, then Byte 0, 1, 2, ... After each transmitted byte, this device waits for an acknowledge before
transmitting the next byte.
Serial Control Registers
NOTE: Power up conditions for each bit are listed in the “@Pup” column.
Byte 0: Frequency, Function Select Register
Bit
@Pup
Pin#
Description, see page 8 for SSCG description.
7
0
n/a
S4 (for frequency table 3, selection by software via SMBus), selection valid if bit3 = 1
6
0
n/a
S2 (for frequency table 3, selection by software via SMBus), selection valid if bit3 = 1
5
0
n/a
S1 (for frequency table 3, selection by software via SMBus), selection valid if bit3 = 1
4
0
n/a
S0 (for frequency table 3, selection by software via SMBus), selection valid if bit3 = 1
3
0
n/a
0 = frequency selected by hardware, pins
2,7,8,26
1 = frequency selection via SMBus byte0.
bits 4,5,6,2,7
2
0
n/a
S3 (for frequency table 3, selection by software via SMBus), selection valid if bit3 = 1
1
0
n/a
0 = Spread Spectrum disabled
1 = Spread spectrum enabled
0
0
n/a
0 = Running
1 = Test mode.


Similar Part No. - C9630

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
C963 PERKINELMER-C963 Datasheet
859Kb / 11P
   CHANNEL PHOTO MULTIPLIER
C963P PERKINELMER-C963P Datasheet
859Kb / 11P
   CHANNEL PHOTO MULTIPLIER
More results

Similar Description - C9630

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9851 CYPRESS-C9851 Datasheet
122Kb / 14P
   Clock Generator for Pentium III Server and Workstation Applications
logo
Pericom Semiconductor C...
PI6C671F PERICOM-PI6C671F Datasheet
199Kb / 7P
   Clock Generator for Pentium Modules
logo
List of Unclassifed Man...
UT8586SC ETC1-UT8586SC Datasheet
87Kb / 6P
   CLOCK GENERATOR FOR PENTIUM BASED SYSTEM
logo
Freescale Semiconductor...
MPC9850 FREESCALE-MPC9850 Datasheet
247Kb / 12P
   Clock Generator for PowerQUICC III
logo
Integrated Device Techn...
XC9850 IDT-XC9850 Datasheet
322Kb / 10P
   Clock Generator for PowerQUICC III
logo
Integrated Circuit Syst...
ICS9248-134 ICST-ICS9248-134 Datasheet
294Kb / 13P
   Frequency Timing Generator for PENTIUM II/III Systems
ICS9158-05 ICST-ICS9158-05 Datasheet
175Kb / 7P
   Buffered Clock Generator for Pentium??/Triton??Systems
ICS9250-11 ICST-ICS9250-11 Datasheet
194Kb / 8P
   Frequency Timing Generator for PENTIUM II/III Systems
ICS9250-12 ICST-ICS9250-12 Datasheet
395Kb / 12P
   Frequency Timing Generator for PENTIUM II/III Systems
logo
Renesas Technology Corp
ICS9250-12 RENESAS-ICS9250-12 Datasheet
813Kb / 13P
   Frequency Timing Generator for PENTIUM II/III Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com