Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNC7H001 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # CNC7H001
Description  Optoisolators (Photocouplers)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CNC7H001 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  CNC7H001 Datasheet HTML 1Page - Panasonic Semiconductor CNC7H001 Datasheet HTML 2Page - Panasonic Semiconductor CNC7H001 Datasheet HTML 3Page - Panasonic Semiconductor CNC7H001 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CNC7H001
3
SHF00007AED
IC  VCE
∆I
C  Ta
ICEO  Ta
tr  IC
tf  IC
Frequency characteristics
0
20
10
50
40
30
Collector-emitter voltage V
CE (V)
02468
10
12
25 mA
20 mA
15 mA
10 mA
5 mA
1 mA
2 mA
IF
= 30 mA
Ambient temperature T
a (°C)
180
140
100
60
20
−20
0
40
60
20
80
100
10−2
−40 −20
0
204060
10
1
10−1
104
103
102
100
80
Ambient temperature T
a (°C)
VCE
= 20 V
Collector current I
C (mA)
102
10
1
10−1
10−2
10−1
110
102
10%
90%
td
tr
tf
RL
VCC
V1
V2
V2
V1
50
Sig. in
RL
= 1 kΩ
500
100
VCC
= 10 V
Ta
= 25°C
Collector current I
C (mA)
102
10
1
10−1
10−2
10−1
110
102
10%
90%
td
tr
tf
RL
VCC
V1
V2
V2
V1
50
Sig. in
RL
= 1 kΩ
500
100
VCC
= 10 V
Ta
= 25°C
Frequency f (kHz)
102
10
1
10−1
10−2
110
102
103
Ta
= 25°C


Similar Part No. - CNC7H001

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNC7H501 PANASONIC-CNC7H501 Datasheet
77Kb / 4P
   Optoisolators
More results

Similar Description - CNC7H001

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ON3181 PANASONIC-ON3181 Datasheet
103Kb / 5P
   Optoisolators (Photocouplers)
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
   Optoisolators
logo
NXP Semiconductors
ECG3040 PHILIPS-ECG3040 Datasheet
2Mb / 3P
   Optoisolators
logo
Panasonic Semiconductor
CNC1S101 PANASONIC-CNC1S101 Datasheet
91Kb / 4P
   Optoisolators
CNZ3731 PANASONIC-CNZ3731 Datasheet
77Kb / 4P
   Optoisolators
CNC7S102 PANASONIC-CNC7S102 Datasheet
28Kb / 1P
   Optoisolators
logo
Lite-On Technology Corp...
LTV-0501 LITEON-LTV-0501 Datasheet
566Kb / 13P
   Photocouplers
logo
Texas Instruments
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Lite-On Technology Corp...
LTV-0701 LITEON-LTV-0701 Datasheet
460Kb / 13P
   Photocouplers
logo
Texas Instruments
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com