Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS58550 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KS58550
Description  UNIVERSAL 10 MEMORY DIALER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS58550 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KS58550 Datasheet HTML 2Page - Samsung semiconductor KS58550 Datasheet HTML 3Page - Samsung semiconductor KS58550 Datasheet HTML 4Page - Samsung semiconductor KS58550 Datasheet HTML 5Page - Samsung semiconductor KS58550 Datasheet HTML 6Page - Samsung semiconductor KS58550 Datasheet HTML 7Page - Samsung semiconductor KS58550 Datasheet HTML 8Page - Samsung semiconductor KS58550 Datasheet HTML 9Page - Samsung semiconductor KS58550 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
KS58550
UNIVERSAL 10 MEMORY DIALER
ELECTRICAL CHARACTERISTICS
(VDD =3.5V, VSS = 0V, Ta = 25
°C, f
OSC =3.579545 MHz)
APPLICATION INFORMATION KEY DESCRIPTION
• 1, 2, 3, 4, 5, 6, 7, 8, 9, 0
These are Tone/Pulse dialing signal keys in normal mode.
• T/T
Pulse Mode : Pulse to Tone Switching Key
Tone Mode : Data Key
• #
Pulse Mode : This Key will operate as a redial key if it is pressed first after off - hook.
Otherwise, it will be allowed as a pause key.
Tone Mode : Data key
• ST: Store
If the ST key is allowed when the dialer is set to the corresponding condition,
pressing the ST key will change the dialer into the ST mode.
The ST mode is released after the memory transfer operation is executed.
The dialing sequence will be interrupted when the key is activated.
• R/L
This key will be allowed location selection in store mode and will he allowed recall function in normal mode.
• F: Flash (i = 1, 2, 3)
If the Flash key is pressed,
DP and X'MUTE will be forced to low during the tFL (Fash Time)
Characteristic
Symbol
Test conditions
Min
Typ
Max
Unit
Pulse to Tone
Auto Pause Time
tPTPA
-
-
3.52
-
Sec
MDS/DRS = VDD, M/B = VDD
-
20
-
MDS/DRS = OPEN, M/B = VDD
-
34
-
MDS/DRS = VDD, M/B = VDD
-
14
-
MDS/DRS = OPEN, M/B = VDD
-
24
-
Pulse to X’MUTE
Overlap Time
tPMO
-
-
1.2
-
mS
F1 Key Depress
-
92
-
Flash Time
tFL
F2 Key Depress
-
312
-
mS
F3 Key Depress
-
608
-
F1
92mS
F2
312mS
F3
608mS
Flash Time Selectable on the
Keyboard
Pre - digit Pause Time
tPDPA
mS


Similar Part No. - KS58550

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS58555 SAMSUNG-KS58555 Datasheet
148Kb / 11P
   UNIVERSAL 15 MEMORY DIALER
KS58555B SAMSUNG-KS58555B Datasheet
148Kb / 11P
   UNIVERSAL 15 MEMORY DIALER
More results

Similar Description - KS58550

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS58555B SAMSUNG-KS58555B Datasheet
148Kb / 11P
   UNIVERSAL 15 MEMORY DIALER
S5T5855A SAMSUNG-S5T5855A Datasheet
129Kb / 12P
   UNIVERSAL 15 MEMORY DIALER
logo
UMC Corporation
UM91611 UMC-UM91611 Datasheet
276Kb / 5P
   10 Memory Pulse Dialer
UM91261 UMC-UM91261 Datasheet
688Kb / 11P
   10 MEMORY TONE /PULSE DIALER
logo
Winbond
WE9142 WINBOND-WE9142 Datasheet
728Kb / 16P
   10-MEMORY TONE/PULSE SWITCHABLE DIALER
logo
List of Unclassifed Man...
HM9112 ETC-HM9112 Datasheet
116Kb / 1P
   Tone/Pulse Switchable & 10 Memory Dialer
HM9110B ETC-HM9110B Datasheet
73Kb / 1P
   TONE/PULSE SWITCHABLE 10 MEMORY DIALER
logo
Sanyo Semicon Device
LC73720 SANYO-LC73720 Datasheet
284Kb / 12P
   Dialer with Memory?
logo
Winbond
W91630 WINBOND-W91630 Datasheet
181Kb / 14P
   10-MEMORY TONE/PULSE DIALER WITH REDIAL FUNCTION
W91440N WINBOND-W91440N Datasheet
163Kb / 14P
   10-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com