Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1790 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1790
Description  Low-Noise Step-Up DC-DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1790 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1790 Datasheet HTML 1Page - Maxim Integrated Products MAX1790 Datasheet HTML 2Page - Maxim Integrated Products MAX1790 Datasheet HTML 3Page - Maxim Integrated Products MAX1790 Datasheet HTML 4Page - Maxim Integrated Products MAX1790 Datasheet HTML 5Page - Maxim Integrated Products MAX1790 Datasheet HTML 6Page - Maxim Integrated Products MAX1790 Datasheet HTML 7Page - Maxim Integrated Products MAX1790 Datasheet HTML 8Page - Maxim Integrated Products MAX1790 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Low-Noise Step-Up DC-DC Converters
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS
(VIN = SHDN = 3V, FREQ = GND, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
ELECTRICAL CHARACTERISTICS (continued)
(VIN = SHDN = 3V, FREQ = GND, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX1790
0.30
0.45
0.65
Current-Sense Transresistance
RCS
MAX8715
0.20
0.30
0.43
V/A
SOFT-START
Reset Switch Resistance
100
Ω
Charge Current
VSS = 1.2V
1.5
4
7.0
µA
CONTROL INPUTS
Input Low Voltage
VIL
SHDN, FREQ
0.3 x VIN
V
Input High Voltage
VIH
SHDN, FREQ
0.7 x VIN
V
Hysteresis
SHDN, FREQ
0.1 x VIN
V
FREQ Pulldown Current
IFREQ
1.8
5
9.0
µA
SHDN Input Current
ISHDN
0.001
1µA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply Range
VIN
2.6
5.5
V
VIN Undervoltage Lockout
UVLO
VIN rising, typical hysteresis is 40mV,
LX remains off below this level
2.25
2.52
V
VFB = 1.3V, not switching
0.35
MAX1790
VFB = 1.0V, switching
5
VFB = 1.3V, not switching
0.35
Quiescent Current
IIN
MAX8715
VFB = 1.0V, switching
5
mA
Shutdown Supply Current
IIN
SHDN = GND
10
µA
ERROR AMPLIFIER
Feedback Voltage
VFB
Level to produce VCOMP = 1.24V
1.215
1.24
1.260
V
MAX1790
40
FB Input Bias Current
IFB
VFB = 1.24V
MAX8715
190
nA
Feedback-Voltage Line
Regulation
Level to produce VCOMP = 1.24V,
2.6V < VIN < 5.5V
0.15
%/V
MAX1790
70
260
Transconductance
gm
ΔI = 5µA
MAX8715
70
260
µS
OSCILLATOR
FREQ = GND
490
770
Frequency
fOSC
FREQ = IN
900
1500
kHz
Maximum Duty Cycle
DC
FREQ = GND
78
92
%


Similar Part No. - MAX1790

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
   Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
MAX1790 MAXIM-MAX1790 Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
MAX1790EUA MAXIM-MAX1790EUA Datasheet
324Kb / 12P
   Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
MAX1790EUA MAXIM-MAX1790EUA Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
MAX1790EUA++ MAXIM-MAX1790EUA+ Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
More results

Similar Description - MAX1790

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
   Step-Up DC/DC Converters
logo
Global Mixed-mode Techn...
G5105 GMT-G5105 Datasheet
693Kb / 11P
   Low-Noise Step-up DC-DC Converter
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
   Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
MAX17067 MAXIM-MAX17067 Datasheet
302Kb / 13P
   Low-Noise Step-Up DC-DC Converter
Rev 0; 1/08
logo
Global Mixed-mode Techn...
G5108 GMT-G5108 Datasheet
91Kb / 1P
   Low-Noise Step-up DC-DC Converter
logo
ams AG
AS1329 AMSCO-AS1329 Datasheet
88Kb / 2P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329_1 Datasheet
739Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1322 AMSCO-AS1322_1 Datasheet
740Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1322 AMSCO-AS1322 Datasheet
551Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com