Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY27H512-30HC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY27H512-30HC
Description  64K x 8 High-Speed CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27H512-30HC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY27H512-30HC Datasheet HTML 1Page - Cypress Semiconductor CY27H512-30HC Datasheet HTML 2Page - Cypress Semiconductor CY27H512-30HC Datasheet HTML 3Page - Cypress Semiconductor CY27H512-30HC Datasheet HTML 4Page - Cypress Semiconductor CY27H512-30HC Datasheet HTML 5Page - Cypress Semiconductor CY27H512-30HC Datasheet HTML 6Page - Cypress Semiconductor CY27H512-30HC Datasheet HTML 7Page - Cypress Semiconductor CY27H512-30HC Datasheet HTML 8Page - Cypress Semiconductor CY27H512-30HC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CY27H512
PRELIMINARY
3
Electrical Characteristics Over the Operating Range[6, 7]
27H512-25
27H512-30
27H512-35
27H512-45
27H512-55
27H512-70
Parameter
Description
Test Conditions
Min.
Max.
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH
Voltage
VCC = Min., IOH = -4.0 mA
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 12.0 mA
0.45
0.45
0.45
V
VIH
Input HIGH Level
Guaranteed Input Logical
HIGH Voltage for All Inputs
2.0
VCC+0.5 2.0 VCC+0.5 2.0 VCC+0.5 V
VIL
Input LOW Level
Guaranteed Input Logical
LOW Voltage for All Inputs
0.8
0.8
0.8
V
IIX
Input Leakage
Current
GND < VIN < VCC
-10
+10
-10
+10
-10
+10
mA
IOZ
Output Leakage
Current
GND < VOUT < VCC,
Output Disable
-10
+10
-10
+10
-10
+10
mA
ICC
Power Supply Current
VCC=Max.,
IOUT=0 mA,
Com'l
75
50
50
mA
IOUT=0 mA,
f=10 MHz
Mil
85
60
mA
ISB
StandBy Current
VCC=Max.,
CE = VIH
Com'l
15
15
15
mA
CE = VIH
Mil
25
25
mA
Capacitance[7]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25_C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
VCC = 5.0V
10
pF
Notes:
6. See the last page of this specification for Group A subgroup testing in
formation.
7. See Introduction to CMOS PROMs in this Data Book for general in
formation on testing.
AC Test Loads and Waveforms
H5125
H5126
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
5V
OUTPUT
30 pF
INCLUDING
JIG AND
SCOPE
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
< 3 ns
< 3 ns
OUTPUT
R1 318W
R2
197W
121W
Equivalent to:
THÉVENIN EQUIVALENT
1.91V
R1 318W
R2
197W


Similar Part No. - CY27H512-30HC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27H010-25JC CYPRESS-CY27H010-25JC Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
CY27H010-25ZC CYPRESS-CY27H010-25ZC Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
CY27H010-30JC CYPRESS-CY27H010-30JC Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
CY27H010-30PC CYPRESS-CY27H010-30PC Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
CY27H010-30WC CYPRESS-CY27H010-30WC Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
More results

Similar Description - CY27H512-30HC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
logo
NXP Semiconductors
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
ATMEL Corporation
AT27BV512 ATMEL-AT27BV512 Datasheet
229Kb / 9P
   512K 64K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com