Selected language     English  ▼


SM7745HY Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. SM7745HY
Description  CMOS COMPATIBLE WITH TRI-STATE OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
O9B
Pletronics Inc., 19013 36
th Ave. W., Suite H, Lynnwood, WA 98036-5761 USA
SM7700H SERIES
Input Current (Icc), Rise and Fall time with 15pF Load & Jitter
Icc (mA)
Tr & Tf (nS)
Period Jitter RMS Values
(pS: 1 x 10
-12 Sec)
Frequency Range
(MHz)
Typical
Maximum
Typical
Maximum
Typical
Maximum
1.500 – 10.999
5.0
10.0
4.0
5.0
75.0
100.0
11.000 – 23.999
10.0
15.0
4.0
5.0
50.0
75.0
24.000 – 29.999
15.0
20.0
3.0
4.0
50.0
75.0
30.000 – 45.999
20.0
25.0
3.0
4.0
25.0
40.0
46.000 – 69.999
37.0
45.0
3.5
4.5
15.0
25.0
Waveform
Recommended Test Circuit with CMOS Load
* CL (Capacitive Load): Includes the input capacitance
** 0.01
µF external by-pass filter is recommended.
Package Outline (NOT TO SCALE):
INCHES (MILLIMETERS)
January 2000




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM1100CCMOS COMPATIBLE WITH TRI-STATE OUTPUT 1 2 List of Unclassifed Manufacturers
LP38691-ADJ500mA Low Dropout CMOS Linear Regulators with Adjustable Output / Stable with Ceramic Output Capacitors 1 2 3 4 5 MoreNational Semiconductor (TI)
74LCX16245LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
TLV341LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN 1 2 3 4 5 MoreTexas Instruments
IDT6198SCMOS STATIC RAM 64K 16K x 4-BIT with Output Control 1 2 3 4 5 MoreIntegrated Device Technology
GLT44016256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TC107350mA and 100mA CMOS LDOs with Shutdown ERROR Output and VREF Bypass 1 2 3 4 5 MoreMicrochip Technology
74LCXHR162245LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
TC205450mA 100mA and 150mA CMOS LDOs with Shutdown and Error Output 1 2 3 4 5 MoreMicrochip Technology
UPD71083CMOS 8-bit transparent latches with three output buffers 1 2 3 4 NEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl